Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 4Page - NXP Semiconductors 33982 Datasheet HTML 5Page - NXP Semiconductors 33982 Datasheet HTML 6Page - NXP Semiconductors 33982 Datasheet HTML 7Page - NXP Semiconductors 33982 Datasheet HTML 8Page - NXP Semiconductors 33982 Datasheet HTML 9Page - NXP Semiconductors 33982 Datasheet HTML 10Page - NXP Semiconductors 33982 Datasheet HTML 11Page - NXP Semiconductors 33982 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
NXP Semiconductors
33982
ELECTRICAL CHARACTERISTICS
Static electrical characteristics
Table 4. Static electrical characteristics
Characteristics noted under conditions 4.5 V
 VDD  5.5 V, 6.0 V  VPWR  27 V, -40 C  TA  125 C, unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25 C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
POWER INPUT
VPWR
Battery Supply Voltage Range
Full Operational
6.0
–
27
V
IPWR(ON)
VPWR Operating Supply Current
Output ON, IHS = 0 A
––
20
mA
IPWR(SBY)
VPWR Supply Current
Output OFF, Open Load Detection Disabled, WAKE > 0.7 VDD,
RST = VLOGIC HIGH
––
5.0
mA
IPWR(SLEEP)
Sleep State Supply Current (VPWR < 14 V, RST < 0.5 V, WAKE
< 0.5 V)
TJ = 25 C
TJ = 85 C
–
–
–
–
10
50
A
VDD(ON)
VDD Supply Voltage
4.5
5.0
5.5
V
IDD(ON)
VDD Supply Current
No SPI Communication
3.0 MHz SPI Communication
–
–
–
–
1.0
5.0
mA
IDD(SLEEP)
VDD Sleep State Current
––
5.0
A
VPWR(OV)
Overvoltage Shutdown Threshold
28
32
36
V
VPWR(OVHYS)
Overvoltage Shutdown Hysteresis
0.2
0.8
1.5
V
VPWR(UV)
Undervoltage Output Shutdown Threshold
5.0
5.5
6.0
V
(9)
VPWR(UVHYS)
Undervoltage Hysteresis
–0.25–
V
(10)
VPWR(UVPOR)
Undervoltage Power-ON Reset
––
5.0
V
POWER OUTPUT
RDS(on)
Output Drain-to-Source ON Resistance
(IHS = 30 A, TJ = 25 C)
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
–
–
–
–
–
–
3.0
2.0
2.0
m
RDS(on)
Output Drain-to-Source ON Resistance (IHS = 30 A, TJ = 150 C)
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
–
–
–
–
–
–
5.1
3.4
3.4
m
RDS(on)
Output Source-to-Drain ON Resistance (IHS = 30 A, TJ = 25 C)
VPWR = -12 V
–2.0
4.0
m
(11)
IOCH0
IOCH1
Output Overcurrent High Detection Levels (9.0 V < VPWR < 16 V)
SOCH = 0
CHFK
EHFK
SOCH = 1
CHFK
EHFK
120
107
180
72
150
137
100
92
180
167
120
112
A
Notes
9.
This applies to all internal device logic that is supplied by VPWR and assumes that the external VDD supply is within specification.
10.
This applies when the undervoltage fault is not latched (IN = 0).
11.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com