Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # 33982
Description  Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

33982 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button 33982 Datasheet HTML 22Page - NXP Semiconductors 33982 Datasheet HTML 23Page - NXP Semiconductors 33982 Datasheet HTML 24Page - NXP Semiconductors 33982 Datasheet HTML 25Page - NXP Semiconductors 33982 Datasheet HTML 26Page - NXP Semiconductors 33982 Datasheet HTML 27Page - NXP Semiconductors 33982 Datasheet HTML 28Page - NXP Semiconductors 33982 Datasheet HTML 29Page - NXP Semiconductors 33982 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
26
NXP Semiconductors
33982
FUNCTIONAL DEVICE OPERATION
Address x100—Direct Input Control Register (DICR)
The DICR register is used by the MCU to enable, disable, or configure the direct IN pin control of the output. A logic [0] on bit D1 enables
the output for direct control by the IN pin. A logic [1] on bit D1 disables the output from direct control. While addressing this register, if the
input was enabled for direct control, a logic [1] for the D0 bit results in a Boolean AND of the IN pin with its corresponding D0 message bit
when addressing the OCR register. Similarly, a logic [0] on the D0 pin results in a Boolean OR of the IN pin with the corresponding
message bits when addressing the OCR register.
The DICR register is useful if there is a need to independently turn on and off several loads that are PWMed at the same frequency and
duty cycle with only one PWM signal. This type of operation can be accomplished by connecting the pertinent direct IN pins of several
devices to a PWM output port from the MCU, and configuring each of the outputs to be controlled via their respective direct IN pin. The
DICR is then used to Boolean AND the direct IN(s) of each of the outputs with the dedicated SPI bit that also controls the output. Each
configured SPI bit can now be used to enable and disable the common PWM signal from controlling its assigned output.
A logic [1] on bit D2 is used to select the high ratio (CSR1, 1/40000) on the CSNS pin. The default value [0] is used to select the low ratio
(CSR0, 1/5400). A logic [1] on bit D3 is used to select the high-speed slew rate. The default value [0] corresponds to the low-speed slew
rate.
Address 0101—Output Switching Delay Register (OSDR)
The OSDR register is used to configure the device with a programmable time delay that is active during Output On transitions that are
initiated via the SPI (not via direct input). Whenever the input is commanded to transition from logic [0] to logic [1], the output are held OFF
for the time delay configured in the OSDR register.
The programming of the contents of this register has no effect on device Fail-safe mode operation. The default value of the OSDR register
is 000, equating to no delay, since the switching delay time is 0 ms. This feature allows the user a way to minimize inrush currents, or
surges, thereby allowing loads to be synchronously switched ON with a single command. Table 14 shows the eight selectable output
switching delay times, which range from 0 ms to 525 ms.
Address 1101—Watchdog Register (WDR)
The WDR register is used by the MCU to configure the watchdog timeout. Watchdog timeout is configured using bits D1 and D0
(Table 15). When bits D1 and D0 are programmed for the desired watchdog timeout period, the WD bit (D7) should be toggled as well to
ensure that the new timeout period is programmed at the beginning of a new count sequence.
Address 0110—No Action Register (NAR)
The NAR register can be used to no-operation fill SPI data packets in a daisy chain SPI configuration. This allows devices to not be
affected by commands being clocked over a daisy-chained SPI configuration, and by toggling the WD bit (D7) the watchdog circuitry
continues to be reset while no programming or data readback functions are being requested from the device.
Table 14. Switching delay
OSD[2:0] (D2:D0)
Turn ON Delay (ms)
000
0
001
75
010
150
011
225
100
300
101
375
110
450
111
525
Table 15. Watchdog timeout
WD[1:0] (D1:D0)
Timing (ms)
00
620
01
310
10
2500
11
1250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com