Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 30Page - Texas Instruments CC2500-RTY1 Datasheet HTML 31Page - Texas Instruments CC2500-RTY1 Datasheet HTML 32Page - Texas Instruments CC2500-RTY1 Datasheet HTML 33Page - Texas Instruments CC2500-RTY1 Datasheet HTML 34Page - Texas Instruments CC2500-RTY1 Datasheet HTML 35Page - Texas Instruments CC2500-RTY1 Datasheet HTML 36Page - Texas Instruments CC2500-RTY1 Datasheet HTML 37Page - Texas Instruments CC2500-RTY1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 34 of 83
otherwise remain in RX. This feature is called
TX if CCA.
Four CCA requirements can be programmed:
Always (CCA disabled, always goes to TX)
If RSSI is below threshold
Unless currently receiving a packet
Both the above (RSSI below threshold and
not currently receiving a packet)
17.6
Link Quality Indicator (LQI)
The Link Quality Indicator is a metric of the
current quality of the received signal. If
PKTCTRL1.APPEND_STATUS
is enabled, the
value is automatically appended to the end of
each received packet. The value can also be
read from the LQI status register. The LQI is
calculated over the 64 symbols following the
sync word (first 8 packet bytes). LQI is best
used as a relative measurement of the link
quality, since the value is dependent on the
modulation format.
18 Forward Error Correction with Interleaving
18.1
Forward Error Correction (FEC)
CC2500 has built in support for Forward Error
Correction (FEC). To enable this option, set
MDMCFG1.FEC_EN
to 1. FEC is only supported
in
fixed
packet
length
mode
(PKTCTRL0.LENGTH_CONFIG=0).
FEC
is
employed on the data field and CRC word in
order to reduce the gross bit error rate when
operating
near
the
sensitivity
limit.
Redundancy is added to the transmitted data
in such a way that the receiver can restore the
original data in the presence of some bit
errors.
The use of FEC allows correct reception at a
lower SNR, thus extending communication
range. Alternatively, for a given SNR, using
FEC decreases the bit error rate (BER). As the
packet error rate (PER) is related to BER by:
length
packet
BER
PER
_
)
1
(
1
=
a lower BER can be used to allow longer
packets, or a higher percentage of packets of
a given length, to be transmitted successfully.
Finally, in realistic ISM radio environments,
transient and time-varying phenomena will
produce occasional errors even in otherwise
good reception conditions. FEC will mask such
errors and, combined with interleaving of the
coded data, even correct relatively long
periods of faulty reception (burst errors).
The FEC scheme adopted for
CC2500 is
convolutional coding, in which n bits are
generated based on k input bits and the m
most recent input bits, forming a code stream
able to withstand a certain number of bit errors
between each coding state (the m-bit window).
The convolutional coder is a rate 1/2 code with
a constraint length of m=4. The coder codes
one input bit and produces two output bits;
hence, the effective data rate is halved.
18.2
Interleaving
Data received through radio channels will
often
experience
burst
errors
due
to
interference and time-varying signal strengths.
In order to increase the robustness to errors
spanning multiple bits, interleaving is used
when FEC is enabled. After de-interleaving, a
continuous span of errors in the received
stream will become single errors spread apart.
CC2500 employs matrix interleaving, which is
illustrated
in
Figure
14.
The
on-chip
interleaving and de-interleaving buffers are 4 x
4 matrices. In the transmitter, the data bits are
written into the rows of the matrix, whereas the
bit sequence to be transmitted is read from the
columns of the matrix and fed to the rate ½
convolutional
coder.
Conversely,
in
the
receiver, the received symbols are written into
the columns of the matrix, whereas the data
passed onto the convolutional decoder is read
from the rows of the matrix.
When FEC and interleaving is used at least
one
extra
byte
is
required
for
trellis
termination. In addition, the amount of data
transmitted over the air must be a multiple of
the size of the interleaver buffer (two bytes).
The
packet
control
hardware
therefore
automatically inserts one or two extra bytes at
the end of the packet, so that the total length
of the data to be interleaved is an even
number. Note that these extra bytes are
invisible to the user, as they are removed
before the received packet enters the RX
FIFO.
When FEC and interleaving is used the
minimum data payload is 2 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com