Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 70 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 66Page - Texas Instruments CC2500-RTY1 Datasheet HTML 67Page - Texas Instruments CC2500-RTY1 Datasheet HTML 68Page - Texas Instruments CC2500-RTY1 Datasheet HTML 69Page - Texas Instruments CC2500-RTY1 Datasheet HTML 70Page - Texas Instruments CC2500-RTY1 Datasheet HTML 71Page - Texas Instruments CC2500-RTY1 Datasheet HTML 72Page - Texas Instruments CC2500-RTY1 Datasheet HTML 73Page - Texas Instruments CC2500-RTY1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 70 of 83
0x1C: AGCCTRL1 – AGC control
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6
AGC_LNA_PRIORITY
1
R/W
Selects between two different strategies for LNA and LNA 2
gain adjustment. When 1, the LNA gain is decreased first.
When 0, the LNA 2 gain is decreased to minimum before
decreasing LNA gain.
5:4
CARRIER_SENSE_REL_THR[1:0]
0 (00)
R/W
Sets the relative change threshold for asserting carrier
sense
Setting
Carrier sense relative threshold
0 (00)
Relative carrier sense threshold disabled
1 (01)
6 dB increase in RSSI value
2 (10)
10 dB increase in RSSI value
3 (11)
14 dB increase in RSSI value
3:0
CARRIER_SENSE_ABS_THR[3:0]
0
(0000)
R/W
Sets the absolute RSSI threshold for asserting carrier
sense. The 2-complement signed threshold is programmed
in steps of 1 dB and is relative to the MAGN_TARGET
setting.
Setting
Carrier sense absolute threshold
(Equal to channel filter amplitude when AGC
has not decreased gain)
-8 (1000)
Absolute carrier sense threshold disabled
-7 (1001)
7 dB below MAGN_TARGET setting
…
…
-1 (1111)
1 dB below MAGN_TARGET setting
0 (0000)
At MAGN_TARGET setting
1 (0001)
1 dB above MAGN_TARGET setting
…
…
7 (0111)
7 dB above MAGN_TARGET setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com