Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 73 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 69Page - Texas Instruments CC2500-RTY1 Datasheet HTML 70Page - Texas Instruments CC2500-RTY1 Datasheet HTML 71Page - Texas Instruments CC2500-RTY1 Datasheet HTML 72Page - Texas Instruments CC2500-RTY1 Datasheet HTML 73Page - Texas Instruments CC2500-RTY1 Datasheet HTML 74Page - Texas Instruments CC2500-RTY1 Datasheet HTML 75Page - Texas Instruments CC2500-RTY1 Datasheet HTML 76Page - Texas Instruments CC2500-RTY1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 73 of 83
0x22: FREND0 – Front end TX configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:4
LODIV_BUF_CURRENT_TX[1:0]
1 (01)
R/W
Adjusts current TX LO buffer (input to PA). The value to use in
this field is given by the SmartRF® Studio software.
3
Reserved
R0
2:0
PA_POWER[2:0]
0 (000)
R/W
Selects PA power setting. This value is an index to the
PATABLE, which can be programmed with up to 8 different PA
settings. The PATABLE settings from index ‘0’ to the
PA_POWER value are used for power ramp-up/ramp-down at
the start/end of transmission in all TX modulation formats.
0x23: FSCAL3 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
FSCAL3[7:6]
2 (10)
R/W
Frequency synthesizer calibration configuration. The value to write in
this register before calibration is given by the SmartRF® Studio
software.
5:4
CHP_CURR_CAL_EN[1:0]
2 (10)
R/W
Disable charge pump calibration stage when 0
3:0
FSCAL3[3:0]
9
(1001)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be done
by calibrating upfront for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register values. Between each
frequency hop, calibration can be replaced by writing the FSCAL3,
FSCAL2 and FSCAL1 register values corresponding to the next RF
frequency.
0x24: FSCAL2 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:0
FSCAL2[5:0]
10
(0x0A)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be done
by calibrating upfront for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register values. Between each
frequency hop, calibration can be replaced by writing the FSCAL3,
FSCAL2 and FSCAL1 register values corresponding to the next RF
frequency.
0x25: FSCAL1 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:0
FSCAL1[5:0]
32
(0x20)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be done
by calibrating upfront for each frequency and saving the resulting
FSCAL3, FSCAL2 and FSCAL1 register values. Between each
frequency hop, calibration can be replaced by writing the FSCAL3,
FSCAL2 and FSCAL1 register values corresponding to the next RF
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com