Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 56 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 52Page - Texas Instruments CC2500-RTY1 Datasheet HTML 53Page - Texas Instruments CC2500-RTY1 Datasheet HTML 54Page - Texas Instruments CC2500-RTY1 Datasheet HTML 55Page - Texas Instruments CC2500-RTY1 Datasheet HTML 56Page - Texas Instruments CC2500-RTY1 Datasheet HTML 57Page - Texas Instruments CC2500-RTY1 Datasheet HTML 58Page - Texas Instruments CC2500-RTY1 Datasheet HTML 59Page - Texas Instruments CC2500-RTY1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 56 of 83
0x03: FIFOTHR – RX FIFO and TX FIFO thresholds
Bit
Field Name
Reset
R/W
Description
7:4
Reserved
0
R0
Write 0 for compatibility with possible future extensions
3:0
FIFO_THR[3:0]
7 (0111)
R/W
Set the threshold for the TX FIFO and RX FIFO. The threshold
is exceeded when the number of bytes in the FIFO is equal to
or higher than the threshold value.
Setting
Bytes in TX FIFO
Bytes in RX FIFO
0 (0000)
61
4
1 (0001)
57
8
2 (0010)
53
12
3 (0011)
49
16
4 (0100)
45
20
5 (0101)
41
24
6 (0110)
37
28
7 (0111)
33
32
8 (1000)
29
36
9 (1001)
25
40
10 (1010)
21
44
11 (1011)
17
48
12 (1100)
13
52
13 (1101)
9
56
14 (1110)
5
60
15 (1111)
1
64
0x04: SYNC1 – Sync word, high byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[15:8]
211 (0xD3)
R/W
8 MSB of 16-bit sync word
0x05: SYNC0 – Sync word, low byte
Bit
Field Name
Reset
R/W
Description
7:0
SYNC[7:0]
145 (0x91)
R/W
8 LSB of 16-bit sync word
0x06: PKTLEN – Packet length
Bit
Field Name
Reset
R/W
Description
7:0
PACKET_LENGTH
255 (0xFF)
R/W
Indicates the packet length when fixed length packets
are enabled. If variable length packets are used, this
value indicates the maximum length packets allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com