Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 38 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 34Page - Texas Instruments CC2500-RTY1 Datasheet HTML 35Page - Texas Instruments CC2500-RTY1 Datasheet HTML 36Page - Texas Instruments CC2500-RTY1 Datasheet HTML 37Page - Texas Instruments CC2500-RTY1 Datasheet HTML 38Page - Texas Instruments CC2500-RTY1 Datasheet HTML 39Page - Texas Instruments CC2500-RTY1 Datasheet HTML 40Page - Texas Instruments CC2500-RTY1 Datasheet HTML 41Page - Texas Instruments CC2500-RTY1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 38 of 83
CC2500 can be set up to signal the MCU that a
packet has been received by using the GDO
pins.
If
a
packet
is
received,
the
MCSM1.RXOFF_MODE
will
determine
the
behaviour at the end of the received packet.
When the MCU has read the packet, it can put
the chip back into SLEEP with the SWOR strobe
from the IDLE state. The FIFO will lose its
contents in the SLEEP state.
The WOR timer has two events, Event 0 and
Event 1. In the SLEEP state with WOR
activated, reaching Event 0 will turn the digital
regulator and start the crystal oscillator. Event
1 follows Event 0 after a programmed timeout.
The time between two consecutive Event 0 is
programmed with a mantissa value given by
WOREVT1.EVENT0
and WOREVT0.EVENT0,
and
an
exponent
value
set
by
WORCTRL.WOR_RES
. The equation is:
RES
WOR
XOSC
Event
EVENT
f
t
_
5
0
2
0
750
=
The Event 1 timeout is programmed with
WORCTRL.EVENT1
. Figure 18 shows the
timing relationship between Event 0 timeout
and Event 1 timeout.
t
Event0
t
Event1
Event1
Event0
Event1
Event0
t
Event1
t
Event0
t
State:
IDLE
SLEEP
RX
SLEEP
IDLE
RX
Rx timeout
Figure 18: Event 0 and Event 1 relationship
Refer
to
Application
Note
AN038
CC1100/CC2500 Wake-on-Radio
for further
details.
19.5.1 RC Oscillator and Timing
The frequency of the low-power RC oscillator
used for the WOR functionality varies with
temperature and supply voltage. In order to
keep the frequency as accurate as possible,
the RC oscillator will be calibrated whenever
possible, which is when the XOSC is running
and the chip is not in the SLEEP state. When
the power and XOSC is enabled, the clock
used by the WOR timer is a divided XOSC
clock. When the chip goes to the sleep state,
the RC oscillator will use the last valid
calibration result. The frequency of the RC
oscillator is locked to the main crystal
frequency divided by 750.
19.6
Timing
The radio controller controls most timing in
CC2500, such as synthesizer calibration, PLL
lock and RT/TX turnaround times. Timing from
IDLE to RX and IDLE to TX is constant,
dependent on the auto calibration setting.
RX/TX and TX/RX turnaround times are
constant. The calibration time is constant
18739 clock periods. Table 28 shows timing in
crystal clock cycles for key state transitions.
Power on time and XOSC start-up times are
variable, but within the limits stated in Table 7.
Note that in a frequency hopping spread
spectrum or a multi-channel protocol the
calibration time can be reduced from 721 µs to
approximately 150 µs. This is explained in
Section 30.2.
Description
XOSC
periods
26 MHz
crystal
IDLE to RX, no calibration
2298
88.4 µs
IDLE to RX, with calibration
~21037
809 µs
IDLE to TX/FSTXON, no calibration
2298
88.4 µs
IDLE to TX/FSTXON, with calibration
~21037
809 µs
TX to RX switch
560
21.5 µs
RX to TX switch
250
9.6 µs
RX or TX to IDLE, no calibration
2
0.1 µs
RX or TX to IDLE, with calibration
~18739
721 µs
Manual calibration
~18739
721 µs
Table 28: State transition timing
19.7
RX Termination Timer
CC2500 has optional functions for automatic
termination of RX after a programmable time.
The main use for this functionality is wake-on-
radio (WOR), but it may be useful for other
applications. The termination timer starts when
in RX state. The timeout is programmable with
the MCSM2.RX_TIME setting. When the timer
expires, the radio controller will check the
condition for staying in RX; if the condition is
not met, RX will terminate. After the timeout,
the condition will be checked continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com