Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 51Page - Texas Instruments CC2500-RTY1 Datasheet HTML 52Page - Texas Instruments CC2500-RTY1 Datasheet HTML 53Page - Texas Instruments CC2500-RTY1 Datasheet HTML 54Page - Texas Instruments CC2500-RTY1 Datasheet HTML 55Page - Texas Instruments CC2500-RTY1 Datasheet HTML 56Page - Texas Instruments CC2500-RTY1 Datasheet HTML 57Page - Texas Instruments CC2500-RTY1 Datasheet HTML 58Page - Texas Instruments CC2500-RTY1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 55 of 83
31.1
Configuration Register Details – Registers with preserved values in sleep state
0x00: IOCFG2 – GDO2 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6
GDO2
_INV
0
R/W
Invert output, i.e. select active low (1) / high (0)
5:0
GDO2
_CFG[5:0]
41 (0x29)
R/W
Default is CHIP_RDY (see Table 33 on page 47).
0x01: IOCFG1 – GDO1 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
GDO_DS
0
R/W
Set high (1) or low (0) output drive strength on the
GDO pins.
6
GDO1
_INV
0
R/W
Invert output, i.e. select active low (1) / high (0)
5:0
GDO1
_CFG[5:0]
46 (0x2E)
R/W
Default is 3-state (see Table 33 on page 47)
0x02: IOCFG0 – GDO0 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
TEMP_SENSOR_ENABLE
0
R/W
Enable analog temperature sensor. Write 0 in all other
register bits when using temperature sensor.
6
GDO0
_INV
0
R/W
Invert output, i.e. select active low (1) / high (0)
5:0
GDO0
_CFG[5:0]
63 (0x3F)
R/W
Default is CLK_XOSC/192 (see Table 33 on page 47).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com