Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 71 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 67Page - Texas Instruments CC2500-RTY1 Datasheet HTML 68Page - Texas Instruments CC2500-RTY1 Datasheet HTML 69Page - Texas Instruments CC2500-RTY1 Datasheet HTML 70Page - Texas Instruments CC2500-RTY1 Datasheet HTML 71Page - Texas Instruments CC2500-RTY1 Datasheet HTML 72Page - Texas Instruments CC2500-RTY1 Datasheet HTML 73Page - Texas Instruments CC2500-RTY1 Datasheet HTML 74Page - Texas Instruments CC2500-RTY1 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 71 of 83
0x1D: AGCCTRL0 – AGC control
Bit
Field Name
Reset
R/W
Description
7:6
HYST_LEVEL[1:0]
2 (10)
R/W
Sets the level of hysteresis on the magnitude deviation
(internal AGC signal that determine gain changes).
Setting
Description
0 (00)
No hysteresis, small symmetric dead zone,
high gain
1 (01)
Low hysteresis, small asymmetric dead zone,
medium gain
2 (10)
Medium hysteresis, medium asymmetric dead
zone, medium gain
3 (11)
Large hysteresis, large asymmetric dead
zone, low gain
5:4
WAIT_TIME[1:0]
1 (01)
R/W
Sets the number of channel filter samples from a gain
adjustment has been made until the AGC algorithm starts
accumulating new samples.
Setting
Channel filter samples
0 (00)
8
1 (01)
16
2 (10)
24
3 (11)
32
3:2
AGC_FREEZE[1:0]
0 (00)
R/W
Controls when the AGC gain should be frozen.
Setting
Function
0 (00)
Normal operation. Always adjust gain when
required.
1 (01)
The gain setting is frozen when a sync word has
been found.
2 (10)
Manually freezes the analog gain setting and
continue to adjust the digital gain.
3 (11)
Manually freezes both the analog and the digital
gain settings. Used for manually overriding the
gain.
1:0
FILTER_LENGTH[1:0]
1 (01)
R/W
Sets the averaging length for the amplitude from the channel
filter.
Setting
Channel filter samples
0 (00)
8
1 (01)
16
2 (10)
32
3 (11)
64
0x1E: WOREVT1 – High byte Event0 timeout
Bit
Field Name
Reset
R/W
Description
7:0
EVENT0[15:8]
135 (0x87)
R/W
High byte of Event 0 timeout register
RES
WOR
XOSC
Event
EVENT
f
t
_
5
0
2
0
750
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com