Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 66 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 62Page - Texas Instruments CC2500-RTY1 Datasheet HTML 63Page - Texas Instruments CC2500-RTY1 Datasheet HTML 64Page - Texas Instruments CC2500-RTY1 Datasheet HTML 65Page - Texas Instruments CC2500-RTY1 Datasheet HTML 66Page - Texas Instruments CC2500-RTY1 Datasheet HTML 67Page - Texas Instruments CC2500-RTY1 Datasheet HTML 68Page - Texas Instruments CC2500-RTY1 Datasheet HTML 69Page - Texas Instruments CC2500-RTY1 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 66 of 83
0x18: MCSM0 – Main Radio Control State Machine configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:4
FS_AUTOCAL[1:0]
0 (00)
R/W
Automatically calibrate when going to RX or TX, or back to IDLE
Setting
When to perform automatic calibration
0 (00)
Never (manually calibrate using SCAL strobe)
1 (01)
When going from IDLE to RX or TX (or FSTXON)
2 (10)
When going from RX or TX back to IDLE
3 (11)
Every 4
th time when going from RX or TX to IDLE
In some automatic wake-on-radio (WOR) applications, using
setting 3 (11) can significantly reduce current consumption.
3:2
PO_TIMEOUT
1 (01)
R/W
Programs the number of times the six-bit ripple counter must
expire after XOSC has stabilized before CHP_RDYn goes low.
If XOSC is on (stable) during power-down, PO_TIMEOUT
should be set so that the regulated digital supply voltage has
time to stabilize before CHIP_RDYn goes low (PO_TIMEOUT =
2 recommended).
If XOSC is off during power-down, the regulated digital supply
voltage has time to stabilize while waiting for the crystal to be
stable and PO_TIMEOUT can be set to 0.
Setting
Expire count
Timeout after XOSC start
0 (00)
1
Approx. 2.3 – 2.4 µs
1 (01)
16
Approx. 37 – 39 µs
2 (10)
64
Approx. 149 – 155 µs
3 (11)
256
Approx. 597 – 620 µs
Exact timeout depends on crystal frequency.
1
PIN_CTRL_EN
0
R/W
Enables the pin radio control option
0
XOSC_FORCE_ON
0
R/W
Force the XOSC to stay on in the SLEEP state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com