Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 41 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 37Page - Texas Instruments CC2500-RTY1 Datasheet HTML 38Page - Texas Instruments CC2500-RTY1 Datasheet HTML 39Page - Texas Instruments CC2500-RTY1 Datasheet HTML 40Page - Texas Instruments CC2500-RTY1 Datasheet HTML 41Page - Texas Instruments CC2500-RTY1 Datasheet HTML 42Page - Texas Instruments CC2500-RTY1 Datasheet HTML 43Page - Texas Instruments CC2500-RTY1 Datasheet HTML 44Page - Texas Instruments CC2500-RTY1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 41 of 83
()
(
)
()
2
_
16
2
_
256
2
−
⋅
+
⋅
+
⋅
=
E
CHANSPC
XOSC
carrier
M
CHANSPC
CHAN
FREQ
f
f
With a 26 MHz crystal the maximum channel
spacing is 405 kHz. To get e.g. 1 MHz channel
spacing one solution is to use 333 kHz
channel spacing and select each third channel
in CHANNR.CHAN.
The preferred IF frequency is programmed
with the FSCTRL1.FREQ_IF register. The IF
frequency is given by:
IF
FREQ
f
f
XOSC
IF
_
2
10
⋅
=
Note that the SmartRF
®
Studio software
automatically
calculates
the
optimum
FSCTRL1.FREQ_IF
register setting based on
channel spacing and channel filter bandwidth.
If any frequency programming register is
altered when the frequency synthesizer is
running,
the
synthesizer
may
give
an
undesired response. Hence, the frequency
programming should only be updated when
the radio is in the IDLE state.
22 VCO
The VCO is completely integrated on-chip.
22.1
VCO and PLL Self-Calibration
The VCO characteristics will vary with
temperature and supply voltage changes, as
well as the desired operating frequency. In
order to ensure reliable operation,
CC2500
includes frequency synthesizer self-calibration
circuitry. This calibration should be done
regularly, and must be performed after turning
on power and before using a new frequency
(or channel). The number of XOSC cycles for
completing the PLL calibration is given in
Table 28 on page 38.
The calibration can be initiated automatically
or
manually.
The
synthesizer
can
be
automatically
calibrated
each
time
the
synthesizer is turned on, or each time the
synthesizer is turned off. This is configured
with the MCSM0.FS_AUTOCAL register setting.
In manual mode, the calibration is initiated
when the SCAL command strobe is activated
in the IDLE mode.
Note that the calibration values are maintained
in sleep mode, so the calibration is still valid
after waking up from sleep mode (unless
supply voltage or temperature has changed
significantly).
To check that the PLL is in lock the user can
program register IOCFGx.GDOx_CFG to 0x0A
and use the lock detector output available on
the GDOx pin as an interrupt for the MCU (x =
0,1 or 2). A positive transition on the GDOx pin
means that the PLL is in lock. As an alternative
the user can read register FSCAL1. The PLL is
in lock if the register content is different from
0x3F. Refer also to the
CC2500 Errata Note.
For more robust operation the source code
could include a check so that the PLL is re-
calibrated until PLL lock is achieved if the PLL
does not lock the first time.
23 Voltage Regulators
CC2500 contains several on-chip linear voltage
regulators, which generate the supply voltage
needed
by
low-voltage
modules.
These
voltage regulators are invisible to the user, and
can be viewed as integral parts of the various
modules. The user must however make sure
that the absolute maximum ratings and
required pin voltages in Table 1 and Table 13
are not exceeded. The voltage regulator for
the
digital
core
requires
one
external
decoupling capacitor.
Setting the CSn pin low turns on the voltage
regulator to the digital core and starts the
crystal oscillator. The SO pin on the SPI
interface must go low before using the serial
interface (setup time is given in Table 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com