Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 61Page - Texas Instruments CC2500-RTY1 Datasheet HTML 62Page - Texas Instruments CC2500-RTY1 Datasheet HTML 63Page - Texas Instruments CC2500-RTY1 Datasheet HTML 64Page - Texas Instruments CC2500-RTY1 Datasheet HTML 65Page - Texas Instruments CC2500-RTY1 Datasheet HTML 66Page - Texas Instruments CC2500-RTY1 Datasheet HTML 67Page - Texas Instruments CC2500-RTY1 Datasheet HTML 68Page - Texas Instruments CC2500-RTY1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 65 of 83
0x17: MCSM1 – Main Radio Control State Machine configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:4
CCA_MODE[1:0]
3 (11)
R/W
Selects CCA_MODE; Reflected in CCA signal
Setting
Clear channel indication
0 (00)
Always
1 (01)
If RSSI below threshold
2 (10)
Unless currently receiving a packet
3 (11)
If RSSI below threshold unless currently
receiving a packet
3:2
RXOFF_MODE[1:0]
0 (00)
R/W
Select what should happen when a packet has been received
Setting
Next state after finishing packet reception
0 (00)
IDLE
1 (01)
FSTXON
2 (10)
TX
3 (11)
Stay in RX
It is not possible to set RXOFF_MODE to be TX or FSTXON
and at the same time use CCA.
1:0
TXOFF_MODE[1:0]
0 (00)
R/W
Select what should happen when a packet has been sent (TX)
Setting
Next state after finishing packet transmission
0 (00)
IDLE
1 (01)
FSTXON
2 (10)
Stay in TX (start sending preamble)
3 (11)
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com