Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 62 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 58Page - Texas Instruments CC2500-RTY1 Datasheet HTML 59Page - Texas Instruments CC2500-RTY1 Datasheet HTML 60Page - Texas Instruments CC2500-RTY1 Datasheet HTML 61Page - Texas Instruments CC2500-RTY1 Datasheet HTML 62Page - Texas Instruments CC2500-RTY1 Datasheet HTML 63Page - Texas Instruments CC2500-RTY1 Datasheet HTML 64Page - Texas Instruments CC2500-RTY1 Datasheet HTML 65Page - Texas Instruments CC2500-RTY1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 62 of 83
0x13: MDMCFG1 – Modem configuration
Bit
Field Name
Reset
R/W
Description
7
FEC_EN
0
R/W
Enable Forward Error Correction (FEC) with interleaving for
packet payload
0 = Disable
1 = Enable (Only supported for fixed packet length mode, i.e.
PKTCTRL0.LENGTH_CONFIG=0
)
6:4
NUM_PREAMBLE[2:0]
2 (010)
R/W
Sets the minimum number of preamble bytes to be transmitted
Setting
Number of preamble bytes
0 (000)
2
1 (001)
3
2 (010)
4
3 (011)
6
4 (100)
8
5 (101)
12
6 (110)
16
7 (111)
24
3:2
Reserved
R0
1:0
CHANSPC_E[1:0]
2 (10)
R/W
2 bit exponent of channel spacing
0x14: MDMCFG0 – Modem configuration
Bit
Field Name
Reset
R/W
Description
7:0
CHANSPC_M[7:0]
248 (0xF8)
R/W
8-bit mantissa of channel spacing (initial 1 assumed). The
channel spacing is multiplied by the channel number CHAN and
added to the base frequency. It is unsigned and has the format:
()
CHAN
M
CHANSPC
f
f
E
CHANSPC
XOSC
CHANNEL
+
=
_
18
2
_
256
2
The default values give 199.951 kHz channel spacing (the closest
setting to 200 kHz), assuming 26.0 MHz crystal frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com