Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 49Page - Texas Instruments CC2500-RTY1 Datasheet HTML 50Page - Texas Instruments CC2500-RTY1 Datasheet HTML 51Page - Texas Instruments CC2500-RTY1 Datasheet HTML 52Page - Texas Instruments CC2500-RTY1 Datasheet HTML 53Page - Texas Instruments CC2500-RTY1 Datasheet HTML 54Page - Texas Instruments CC2500-RTY1 Datasheet HTML 55Page - Texas Instruments CC2500-RTY1 Datasheet HTML 56Page - Texas Instruments CC2500-RTY1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 53 of 83
Address
Register
Description
Details on page number
0x30 (0xF0)
PARTNUM
CC2500 part number
75
0x31 (0xF1)
VERSION
Current version number
75
0x32 (0xF2)
FREQEST
Frequency Offset Estimate
75
0x33 (0xF3)
LQI
Demodulator estimate for Link Quality
76
0x34 (0xF4)
RSSI
Received signal strength indication
76
0x35 (0xF5)
MARCSTATE
Control state machine state
76
0x36 (0xF6)
WORTIME1
High byte of WOR timer
77
0x37 (0xF7)
WORTIME0
Low byte of WOR timer
77
0x38 (0xF8)
PKTSTATUS
Current GDOx status and packet status
77
0x39 (0xF9)
VCO_VC_DAC
Current setting from PLL calibration module
77
0x3A (0xFA)
TXBYTES
Underflow and number of bytes in the TX FIFO
77
0x3B (0xFB)
RXBYTES
Overflow and number of bytes in the RX FIFO
78
Table 36: Status registers overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com