Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 47 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 43Page - Texas Instruments CC2500-RTY1 Datasheet HTML 44Page - Texas Instruments CC2500-RTY1 Datasheet HTML 45Page - Texas Instruments CC2500-RTY1 Datasheet HTML 46Page - Texas Instruments CC2500-RTY1 Datasheet HTML 47Page - Texas Instruments CC2500-RTY1 Datasheet HTML 48Page - Texas Instruments CC2500-RTY1 Datasheet HTML 49Page - Texas Instruments CC2500-RTY1 Datasheet HTML 50Page - Texas Instruments CC2500-RTY1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 47 of 83
GDOx_CFG[5:0]]
Description
0 (0x00)
Associated with the RX FIFO: Asserts when RX FIFO is filled at or above RXFIFO_THR. De-asserts when RX FIFO is
drained below RXFIFO_THR.
1 (0x01)
Associated with the RX FIFO: Asserts when RX FIFO is filled at or above RXFIFO_THR or the end of packet is
reached. De-asserts when RX FIFO is empty.
2 (0x02)
Associated with the TX FIFO: Asserts when the TX FIFO is filled at or above TXFIFO_THR. De-asserts when the TX
FIFO is below TXFIFO_THR.
3 (0x03)
Associated with the TX FIFO: Asserts when TX FIFO is full. De-asserts when the TX FIFO is drained below
TXFIFO_THR.
4 (0x04)
Asserts when the RX FIFO has overflowed. De-asserts when the FIFO has been flushed.
5 (0x05)
Asserts when the TX FIFO has underflowed. De-asserts when the FIFO is flushed.
6 (0x06)
Asserts when sync word has been sent / received, and de-asserts at the end of the packet. In RX, the pin will de-assert
when the optional address check fails or the RX FIFO overflows. In TX the pin will de-assert if the TX FIFO underflows.
7 (0x07)
Asserts when a packet has been received with CRC OK. De-asserts when the first byte is read from the RX FIFO. Only
valid if PKTCTRL0.CC2400_EN = 1.
8 (0x08)
Preamble Quality Reached. Asserts when the PQI is above the programmed PQT value.
9 (0x09)
Clear channel assessment. High when RSSI level is below threshold (dependent on the current CCA_MODE setting)
10 (0x0A)
Lock detector output. The PLL is in lock if the lock detector output has a positive transition or is constantly logic high. To
check for PLL lock the lock detector output should be used as an interrupt for the MCU.
11 (0x0B)
Serial Clock. Synchronous to the data in synchronous serial mode.
Data is set up on the falling edge and is read on the rising edge of SERIAL_CLK when GDOx_INV=0.
12 (0x0C)
Serial Synchronous Data Output (DO). Used for synchronous serial mode. The MCU must read DO on the rising edge
of SERIAL_CLK when GDOx_INV=0. Data is set up on the falling edge by
CC2500.
13 (0x0D)
Serial transparent Data Output. Used for asynchronous serial mode.
14 (0x0E)
Carrier sense. High if RSSI level is above threshold.
15 (0x0F)
CRC_OK. The last CRC comparison matched. Cleared when entering/restarting RX mode. Only valid if
PKTCTRL0.CC2400_EN
= 1.
16 (0x10)
Reserved – used for test.
17 (0x11)
Reserved – used for test.
18 (0x12)
Reserved – used for test.
19 (0x13)
Reserved – used for test.
20 (0x14)
Reserved – used for test.
21 (0x15)
Reserved – used for test.
22 (0x16)
RX_HARD_DATA[1]. Can be used together with RX_SYMBOL_TICK for alternative serial RX output.
23 (0x17)
RX_HARD_DATA[0]. Can be used together with RX_SYMBOL_TICK for alternative serial RX output.
24 (0x18)
Reserved – used for test.
25 (0x19)
Reserved – used for test.
26 (0x1A)
Reserved – used for test.
27 (0x1B)
PA_PD. Note: PA_PD will have the same signal level in SLEEP and TX states. To control an external PA or RX/TX
switch in applications where the SLEEP state is used it is recommended to use address 47 (0x2F).
28 (0x1C)
LNA_PD. Note: LNA_PD will have the same signal level in SLEEP and RX states. To control an external LNA or RX/TX
switch in applications where the SLEEP state is used it is recommended to use address 47 (0x2F).
29 (0x1D)
RX_SYMBOL_TICK. Can be used together with RX_HARD_DATA for alternative serial RX output.
30 (0x1E)
Reserved – used for test.
31 (0x1F)
Reserved – used for test.
32 (0x20)
Reserved – used for test.
33 (0x21)
Reserved – used for test.
34 (0x22)
Reserved – used for test.
35 (0x23)
Reserved – used for test.
36 (0x24)
WOR_EVNT0
37 (0x25)
WOR_EVNT1
38 (0x26)
Reserved – used for test.
39 (0x27)
Reserved – used for test.
40 (0x28)
Reserved – used for test.
41 (0x29)
CHIP_RDY
42 (0x2A)
Reserved – used for test.
43 (0x2B)
XOSC_STABLE
44 (0x2C)
Reserved – used for test.
45 (0x2D)
GDO0
_Z_EN_N. When this output is 0, GDO0 is configured as input (for serial TX data).
46 (0x2E)
High impedance (3-state)
47 (0x2F)
HW to 0 (HW1 achieved with _INV signal). Can be used to control an external LNA/PA or RX/TX switch.
48 (0x30)
CLK_XOSC/1
49 (0x31)
CLK_XOSC/1.5
50 (0x32)
CLK_XOSC/2
51 (0x33)
CLK_XOSC/3
52 (0x34)
CLK_XOSC/4
53 (0x35)
CLK_XOSC/6
54 (0x36)
CLK_XOSC/8
55 (0x37)
CLK_XOSC/12
56 (0x38)
CLK_XOSC/16
57 (0x39)
CLK_XOSC/24
58 (0x3A)
CLK_XOSC/32
59 (0x3B)
CLK_XOSC/48
60 (0x3C)
CLK_XOSC/64
61 (0x3D)
CLK_XOSC/96
62 (0x3E)
CLK_XOSC/128
63 (0x3F)
CLK_XOSC/192
Note: There are 3 GDO pins, but only one CLK_XOSC/n can be selected as an output at any
time. If CLK_XOSC/n is to be monitored on one of the GDO pins, the other two GDO pins must
be configured to values less than 0x30. The GDO0 default value is CLK_XOSC/192.
Table 33: GDOx signal selection (x = 0, 1 or 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com