Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 75 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 71Page - Texas Instruments CC2500-RTY1 Datasheet HTML 72Page - Texas Instruments CC2500-RTY1 Datasheet HTML 73Page - Texas Instruments CC2500-RTY1 Datasheet HTML 74Page - Texas Instruments CC2500-RTY1 Datasheet HTML 75Page - Texas Instruments CC2500-RTY1 Datasheet HTML 76Page - Texas Instruments CC2500-RTY1 Datasheet HTML 77Page - Texas Instruments CC2500-RTY1 Datasheet HTML 78Page - Texas Instruments CC2500-RTY1 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 75 of 83
0x2C: TEST2 – Various test settings
Bit
Field Name
Reset
R/W
Description
7:0
TEST2[7:0]
152 (0x88)
R/W
The value to use in this register is given by the SmartRF® Studio
software.
0x2D: TEST1 – Various test settings
Bit
Field Name
Reset
R/W
Description
7:0
TEST1[7:0]
49 (0x31)
R/W
The value to use in this register is given by the SmartRF® Studio
software.
0x2E: TEST0 – Various test settings
Bit
Field Name
Reset
R/W
Description
7:0
TEST0[7:0]
11 (0x0B)
R/W
The value to use in this register is given by the SmartRF® Studio
software.
31.3
Status register details
0x30 (0xF0): PARTNUM – Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
PARTNUM[7:0]
128 (0x80)
R
Chip part number
0x31 (0xF1): VERSION – Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
VERSION[7:0]
3 (0x03)
R
Chip version number.
0x32 (0xF2): FREQEST – Frequency Offset Estimate from demodulator
Bit
Field Name
Reset
R/W
Description
7:0
FREQOFF_EST
R
The estimated frequency offset (two’s complement) of the
carrier. Resolution is FXTAL/2
14 (1.59 - 1.65 kHz); range is ±202
kHz to ±210 kHz, dependent of XTAL frequency.
Frequency offset compensation is only supported for FSK and
MSK modulation. This register will read 0 when using OOK
modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com