Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 46 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 42Page - Texas Instruments CC2500-RTY1 Datasheet HTML 43Page - Texas Instruments CC2500-RTY1 Datasheet HTML 44Page - Texas Instruments CC2500-RTY1 Datasheet HTML 45Page - Texas Instruments CC2500-RTY1 Datasheet HTML 46Page - Texas Instruments CC2500-RTY1 Datasheet HTML 47Page - Texas Instruments CC2500-RTY1 Datasheet HTML 48Page - Texas Instruments CC2500-RTY1 Datasheet HTML 49Page - Texas Instruments CC2500-RTY1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 46 of 83
26.1
Reference Signal
The chip can alternatively be operated with a
reference signal from 26 to 27 MHz instead of
a crystal. This input clock can either be a full-
swing digital signal (0 V to VDD) or a sine
wave of maximum 1 V peak-peak amplitude.
The reference signal must be connected to the
XOSC_Q1 input. The sine wave must be
connected to XOSC_Q1 using a serial
capacitor. The XOSC_Q2 line must be left un-
connected. C81 and C101 can be omitted
when using a reference signal.
27 External RF Match
The balanced RF input and output of
CC2500
share two common pins and are designed for
a simple, low-cost matching and balun network
on the printed circuit board. The receive- and
transmit switching at the
CC2500 front-end is
controlled by a dedicated on-chip function,
eliminating the need for an external RX/TX-
switch.
A few passive external components combined
with the internal RX/TX switch/termination
circuitry ensures match in both RX and TX
mode.
Although
CC2500 has a balanced RF
input/output, the chip can be connected to a
single-ended antenna with few external low
cost capacitors and inductors.
The
passive
matching/filtering
network
connected to
CC2500 should have the following
differential impedance as seen from the RF-
port (RF_P and RF_N) towards the antenna:
Zout = 80 + j74 Ω
To ensure optimal matching of the
CC2500
differential output it is highly recommended to
follow the CC2500EM reference designs as
closely as possible. Gerber files for the
reference designs are available for download
from the TI and Chipcon websites.
28 General Purpose / Test Output Control Pins
The three digital output pins GDO0, GDO1 and
GDO2
are general control pins configured with
IOCFG0.GDO0_CFG,
IOCFG1.GDO1_CFG
and IOCFG2.GDO3_CFG respectively. Table
33 shows the different signals that can be
monitored on the GDO pins. These signals can
be used as an interrupt to the MCU. GDO1 is
the same pin as the SO pin on the SPI
interface, thus the output programmed on this
pin will only be valid when CSn is high. The
default value for GDO1 is 3-stated, which is
useful when the SPI interface is shared with
other devices.
The default value for GDO0 is a 135-141 kHz
clock output (XOSC frequency divided by 192).
Since the XOSC is turned on at power-on-
reset, this can be used to clock the MCU in
systems with only one crystal. When the MCU
is up and running, it can change the clock
frequency by writing to IOCFG0.GDO0_CFG.
An on-chip analog temperature sensor is
enabled by writing the value 128 (0x80h) to the
IOCFG0.GDO0_CFG
register. The voltage on
the
GDO0
pin
is
then
proportional
to
temperature. See Section 4.7 on page 12 for
temperature sensor specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com