Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 76 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 72Page - Texas Instruments CC2500-RTY1 Datasheet HTML 73Page - Texas Instruments CC2500-RTY1 Datasheet HTML 74Page - Texas Instruments CC2500-RTY1 Datasheet HTML 75Page - Texas Instruments CC2500-RTY1 Datasheet HTML 76Page - Texas Instruments CC2500-RTY1 Datasheet HTML 77Page - Texas Instruments CC2500-RTY1 Datasheet HTML 78Page - Texas Instruments CC2500-RTY1 Datasheet HTML 79Page - Texas Instruments CC2500-RTY1 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 76 of 83
0x33 (0xF3): LQI – Demodulator estimate for Link Quality
Bit
Field Name
Reset
R/W
Description
7
CRC_OK
R
The last CRC comparison matched. Cleared when
entering/restarting RX mode. Only valid if
PKTCTRL0.CC2400_EN
= 1.
6:0
LQI_EST[6:0]
R
The Link Quality Indicator estimates how easily a received signal
can be demodulated. Calculated over the 64 symbols following
the sync word (first 8 packet bytes for 2-ary modulation).
0x34 (0xF4): RSSI – Received signal strength indication
Bit
Field Name
Reset
R/W
Description
7:0
RSSI
R
Received signal strength indicator
0x35 (0xF5): MARCSTATE – Main Radio Control State Machine state
Bit
Field Name
Reset
R/W
Description
7:5
Reserved
R0
4:0
MARC_STATE[4:0]
R
Main Radio Control FSM State
Value
State name
State (Figure 15, page 35)
0 (0x00)
SLEEP
SLEEP
1 (0x01)
IDLE
IDLE
2 (0x02)
XOFF
XOFF
3 (0x03)
VCOON_MC
MANCAL
4 (0x04)
REGON_MC
MANCAL
5 (0x05)
MANCAL
MANCAL
6 (0x06)
VCOON
FS_WAKEUP
7 (0x07)
REGON
FS_WAKEUP
8 (0x08)
STARTCAL
CALIBRATE
9 (0x09)
BWBOOST
SETTLING
10 (0x0A)
FS_LOCK
SETTLING
11 (0x0B)
IFADCON
SETTLING
12 (0x0C)
ENDCAL
CALIBRATE
13 (0x0D)
RX
RX
14 (0x0E)
RX_END
RX
15 (0x0F)
RX_RST
RX
16 (0x10)
TXRX_SWITCH
TXRX_SETTLING
17 (0x11)
RX_OVERFLOW
RX_OVERFLOW
18 (0x12)
FSTXON
FSTXON
19 (0x13)
TX
TX
20 (0x14)
TX_END
TX
21 (0x15)
RXTX_SWITCH
RXTX_SETTLING
22 (0x16)
TX_UNDERFLOW
TX_UNDERFLOW
Note: it is not possible to read back the SLEEP or XOFF state
numbers because setting CSn low will make the chip enter the
IDLE mode from the SLEEP or XOFF states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com