Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 25 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 21Page - Texas Instruments CC2500-RTY1 Datasheet HTML 22Page - Texas Instruments CC2500-RTY1 Datasheet HTML 23Page - Texas Instruments CC2500-RTY1 Datasheet HTML 24Page - Texas Instruments CC2500-RTY1 Datasheet HTML 25Page - Texas Instruments CC2500-RTY1 Datasheet HTML 26Page - Texas Instruments CC2500-RTY1 Datasheet HTML 27Page - Texas Instruments CC2500-RTY1 Datasheet HTML 28Page - Texas Instruments CC2500-RTY1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 25 of 83
Table 20: Channel filter bandwidths [kHz]
(assuming a 26 MHz crystal)
For best performance, the channel filter
bandwidth should be selected so that the
signal bandwidth occupies at most 80% of the
channel filter bandwidth. The channel centre
tolerance due to crystal accuracy should also
be subtracted from the signal bandwidth. The
following example illustrates this:
With the channel filter bandwidth set to 600
kHz, the signal should stay within 80% of 600
kHz, which is 480 kHz. Assuming 2.44 GHz
frequency and ±20 ppm frequency uncertainty
for both the transmitting device and the
receiving
device,
the
total
frequency
uncertainty is ±40 ppm of 2.44 GHz, which is
±98 kHz. If the whole transmitted signal
bandwidth is to be received within 480 kHz,
the transmitted signal bandwidth should be
maximum 480 kHz – 2·98 kHz, which is 284
kHz.
14 Demodulator, Symbol Synchronizer and Data Decision
CC2500 contains an advanced and highly
configurable demodulator. Channel filtering
and
frequency
offset
compensation
is
performed digitally. To generate the RSSI level
(see Section 17.3 for more information) the
signal level in the channel is estimated. Data
filtering
is
also
included
for
enhanced
performance.
14.1
Frequency Offset Compensation
When using FSK, GFSK or MSK modulation,
the demodulator will compensate for the offset
between
the
transmitter
and
receiver
frequency, within certain limits, by estimating
the centre of the received data. This value is
available in the FREQEST status register.
Writing
the
value
from
FREQEST
into
FSCTRL0.FREQOFF
the
frequency
synthesizer
is
automatically
adjusted
according to the estimated frequency offset.
Note that frequency offset compensation is not
supported for OOK modulation.
14.2
Bit Synchronization
The bit synchronization algorithm extracts the
clock from the incoming symbols. The
algorithm requires that the expected data rate
is programmed as described in Section 12 on
page 24. Re-synchronization is performed
continuously to adjust for error in the incoming
symbol rate.
14.3
Byte Synchronization
Byte synchronization is achieved by a
continuous sync word search. The sync word
is a 16 or 32 bit configurable field that is
automatically inserted at the start of the packet
by the modulator in transmit mode. The
demodulator uses this field to find the byte
boundaries in the stream of bits. The sync
word will also function as a system identifier,
since only packets with the correct predefined
sync word will be received. The sync word
detector correlates against the user-configured
16-bit sync word. The correlation threshold
can be set to 15/16 bits match or 16/16 bits
match. The sync word can be further qualified
using
the
preamble
quality
indicator
mechanism described below and/or a carrier
sense
condition.
The
sync
word
is
programmed with SYNC1 and SYNC0.
In order to make false detections of sync
words less likely, a mechanism called
preamble quality indication (PQI) can be used
to qualify the sync word. A threshold value for
the preamble quality must be exceeded in
order for a detected sync word to be accepted.
See Section 17.2 on page 31 for more details.
MDMCFG4.
MDMCFG4.CHANBW_E
CHANBW_M
00
01
10
11
00
812
406
203
102
01
650
325
162
81
10
541
270
135
68
11
464
232
116
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com