Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 36Page - Texas Instruments CC2500-RTY1 Datasheet HTML 37Page - Texas Instruments CC2500-RTY1 Datasheet HTML 38Page - Texas Instruments CC2500-RTY1 Datasheet HTML 39Page - Texas Instruments CC2500-RTY1 Datasheet HTML 40Page - Texas Instruments CC2500-RTY1 Datasheet HTML 41Page - Texas Instruments CC2500-RTY1 Datasheet HTML 42Page - Texas Instruments CC2500-RTY1 Datasheet HTML 43Page - Texas Instruments CC2500-RTY1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 40 of 83
The 4-bit FIFOTHR.FIFO_THR setting is used
to program threshold points in the FIFOs.
Table 29 lists the 16 FIFO_THR settings and
the corresponding thresholds for the RX and
TX FIFOs. The threshold value is coded in
opposite directions for the RX FIFO and TX
FIFO. This gives equal margin to the overflow
and underflow conditions when the threshold
is reached.
A flag will assert when the number of bytes in
the FIFO is equal to or higher than the
programmed threshold. The flag is used to
generate the FIFO status signals that can be
viewed on the GDO pins (see Section 28 on
page 46).
Figure 20 shows the number of bytes in both
the RX FIFO and TX FIFO when the threshold
flag toggles, in the case of FIFO_THR=13.
Figure 19 shows the flag as the respective
FIFO is filled above the threshold, and then
drained below.
53 54 55 56
53
54
55
56
57
6
7
8
9
6
7
8
9
10
NUM_RXBYTES
GDO
NUM_TXBYTES
GDO
Figure 19: FIFO_THR=13 vs. number of bytes
in FIFO (GDOx_CFG=0x00 in Rx and
GDOx_CFG
=0x02 in Tx)
FIFO_THR
Bytes in TX FIFO
Bytes in RX FIFO
0 (0000)
61
4
1 (0001)
57
8
2 (0010)
53
12
3 (0011)
49
16
4 (0100)
45
20
5 (0101)
41
24
6 (0110)
37
28
7 (0111)
33
32
8 (1000)
29
36
9 (1001)
25
40
10 (1010)
21
44
11 (1011)
17
48
12 (1100)
13
52
13 (1101)
9
56
14 (1110)
5
60
15 (1111)
1
64
Table 29: FIFO_THR settings and the
corresponding FIFO thresholds
56 bytes
8 bytes
Overflow
margin
Underflow
margin
FIFO_THR=13
FIFO_THR=13
RXFIFO
TXFIFO
Figure 20: Example of FIFOs at threshold
21 Frequency Programming
The frequency programming in
CC2500 is
designed
to
minimize
the
programming
needed in a channel-oriented system.
To set up a system with channel numbers, the
desired channel spacing is programmed with
the
MDMCFG0.CHANSPC_M
and
MDMCFG1.CHANSPC_E
registers. The channel
spacing registers are mantissa and exponent
respectively.
The base or start frequency is set by the 24 bit
frequency word located in the FREQ2, FREQ1
and FREQ0 registers. This word will typically
be set to the centre of the lowest channel
frequency that is to be used.
The desired channel number is programmed
with the 8-bit channel number register,
CHANNR.CHAN
, which is multiplied by the
channel offset. The resultant carrier frequency
is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com