Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTY1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC2500-RTY1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTY1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC2500-RTY1 Datasheet HTML 60Page - Texas Instruments CC2500-RTY1 Datasheet HTML 61Page - Texas Instruments CC2500-RTY1 Datasheet HTML 62Page - Texas Instruments CC2500-RTY1 Datasheet HTML 63Page - Texas Instruments CC2500-RTY1 Datasheet HTML 64Page - Texas Instruments CC2500-RTY1 Datasheet HTML 65Page - Texas Instruments CC2500-RTY1 Datasheet HTML 66Page - Texas Instruments CC2500-RTY1 Datasheet HTML 67Page - Texas Instruments CC2500-RTY1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 64 of 83
0x16: MCSM2 – Main Radio Control State Machine configuration
Bit
Field Name
Reset
R/W
Description
7:5
Reserved
R0
Reserved
4
RX_TIME_RSSI
0
R/W
Direct RX termination based on RSSI measurement (carrier
sense).
3
RX_TIME_QUAL
0
R/W
When the RX_TIME timer expires the chip stays in RX mode if
sync word is found when RX_TIME_QUAL=0, or either sync
word is found or PQT is set when RX_TIME_QUAL=1.
2:0
RX_TIME[2:0]
7 (111)
R/W
Timeout for sync word search in RX. The timeout is relative to
the programmed EVENT0 timeout, which means that the duty
cycle can be set in wake-on-radio (WOR) mode.
The RX timeout in µs is given by EVENT0·C(RX_TIME, WOR_RES), where C is given by the table below (XOSC =
26 MHz):
RX_TIME[2:0]
WOR_RES = 0
WOR_RES = 1
WOR_RES = 2
WOR_RES = 3
0 (000)
3.6058
18.0288
32.4519
46.8750
1 (001)
1.8029
9.0144
16.2260
23.4375
2 (010)
0.9014
4.5072
8.1130
11.7188
3 (011)
0.4507
2.2536
4.0565
5.8594
4 (100)
0.2254
1.1268
2.0282
2.9297
5 (101)
0.1127
0.5634
1.0141
1.4648
6 (110)
0.0563
0.2817
0.5071
0.7324
7 (111)
Until end of packet
As an example, EVENT0 = 34666, WOR_RES = 0 and RX_TIME = 6 corresponds to 1.96 ms RX timeout, 1 s
polling interval and 0.195% duty cycle. Note that WOR_RES should be 0 or 1 when using WOR.
The duty cycle is approximated by:
RX_TIME[2:0]
WOR_RES = 0
WOR_RES = 1
0 (000)
12.50%
1.95%
1 (001)
6.250%
9765 ppm
2 (010)
3.125%
4883 ppm
3 (011)
1.563%
2441 ppm
4 (100)
0.781%
NA
5 (101)
0.391%
NA
6 (110)
0.195%
NA
7 (111)
Until end of packet
Note that the RC oscillator must be enabled in order to use setting 0-6, because the timeout counts RC oscillator
periods. WOR mode does not need to be enabled.
The timeout counter resolution is limited: With RX_TIME=0, the timeout count is given by the 13 MSBs of EVENT0,
decreasing to the 7 MSBs of EVENT0 with RX_TIME=6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com