Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 27Page - Texas Instruments CC2500-RTR1 Datasheet HTML 28Page - Texas Instruments CC2500-RTR1 Datasheet HTML 29Page - Texas Instruments CC2500-RTR1 Datasheet HTML 30Page - Texas Instruments CC2500-RTR1 Datasheet HTML 31Page - Texas Instruments CC2500-RTR1 Datasheet HTML 32Page - Texas Instruments CC2500-RTR1 Datasheet HTML 33Page - Texas Instruments CC2500-RTR1 Datasheet HTML 34Page - Texas Instruments CC2500-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 31 of 83
Phase shifts are performed with a constant
transition time.
The fraction of a symbol period used to
change the phase can be modified with the
DEVIATN.DEVIATION_M
setting.
This
is
equivalent to changing the shaping of the
symbol.
The MSK modulation format implemented in
CC2500
inverts the sync word and data
compared to e.g. signal generators.
16.3
Amplitude Modulation
The supported amplitude modulation On-Off
Keying (OOK) simply turns on or off the PA to
modulate 1 and 0 respectively.
17 Received Signal Qualifiers and Link Quality Information
CC2500 has several qualifiers that can be used
to increase the likelihood that a valid sync
word is detected.
17.1
Sync Word Qualifier
If sync word detection in RX is enabled in
register MDMCFG2 the
CC2500 will not start
filling the RX FIFO and perform the packet
filtering described in Section 15.3 before a
valid sync word has been detected. The sync
word
qualifier
mode
is
set
by
MDMCFG2.SYNC_MODE
and is summarized in
Table 24. Carrier sense in Table 24 is
described in Section 17.4.
MDMCFG2.
SYNC_MODE
Sync word qualifier mode
000
No preamble/sync
001
15/16 sync word bits detected
010
16/16 sync word bits detected
011
30/32 sync word bits detected
100
No preamble/sync, carrier sense
above threshold
101
15/16 + carrier sense above threshold
110
16/16 + carrier sense above threshold
111
30/32 + carrier sense above threshold
Table 24: Sync word qualifier mode
17.2
Preamble Quality Threshold (PQT)
The Preamble Quality Threshold (PQT) sync-
word qualifier adds the requirement that the
received sync word must be preceded with a
preamble with a quality above a programmed
threshold.
Another use of the preamble quality threshold
is as a qualifier for the optional RX termination
timer. See Section 19.7 on page 38 for details.
The preamble quality estimator increases an
internal counter by one each time a bit is
received that is different from the previous bit,
and decreases the counter by 4 each time a
bit is received that is the same as the last bit.
The counter saturates at 0 and 31. The
threshold is configured with the register field
PKTCTRL1.PQT
. A threshold of 4·PQT for this
counter is used to gate sync word detection.
By setting the value to zero, the preamble
quality qualifier of the sync word is disabled.
A “Preamble Quality Reached” flag can also
be observed on one of the GDO pins and in
the
status
register
bit
PKTSTATUS.PQT_REACHED
. This flag asserts
when the received signal exceeds the PQT.
17.3
RSSI
The RSSI value is an estimate of the signal
level in the chosen channel. This value is
based on the current gain setting in the RX
chain and the measured signal level in the
channel.
In RX mode, the RSSI value can be read
continuously from the RSSI status register
until the demodulator detects a sync word
(when sync word detection is enabled). At that
point the RSSI readout value is frozen until the
next time the chip enters the RX state. The
RSSI value is in dB with ½dB resolution. The
RSSI update rate depends on the receiver
filter bandwidth (BWchannel defined in Section
13) and AGCCTRL0.FILTER_LENGTH.
LENGTH
FILTER
channel
RSSI
BW
f
_
2
8
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com