Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 17Page - Texas Instruments CC2500-RTR1 Datasheet HTML 18Page - Texas Instruments CC2500-RTR1 Datasheet HTML 19Page - Texas Instruments CC2500-RTR1 Datasheet HTML 20Page - Texas Instruments CC2500-RTR1 Datasheet HTML 21Page - Texas Instruments CC2500-RTR1 Datasheet HTML 22Page - Texas Instruments CC2500-RTR1 Datasheet HTML 23Page - Texas Instruments CC2500-RTR1 Datasheet HTML 24Page - Texas Instruments CC2500-RTR1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 21 of 83
10.1
Chip Status Byte
When the header byte, data byte or command
strobe is sent on the SPI interface, the chip
status byte is sent by the
CC2500 on the SO
pin. The status byte contains key status
signals, useful for the MCU. The first bit, s7, is
the CHIP_RDYn signal; this signal must go low
before the first positive edge of SCLK. The
CHIP_RDYn
signal indicates that the crystal is
running and the regulated digital supply
voltage is stable.
Bits 6, 5 and 4 comprise the STATE value.
This value reflects the state of the chip. The
XOSC and power to the digital core is on in
the IDLE state, but all other modules are in
power down. The frequency and channel
configuration should only be updated when the
chip is in this state. The RX state will be active
when the chip is in receive mode. Likewise, TX
is active when the chip is transmitting.
The last four bits (3:0) in the status byte con-
tains FIFO_BYTES_AVAILABLE. For read
operations,
the
FIFO_BYTES_AVAILABLE
field contains the number of bytes available for
reading from the RX FIFO. For write
operations,
the
FIFO_BYTES_AVAILABLE
field contains the number of bytes free for
writing
into
the
TX
FIFO.
When
FIFO_BYTES_AVAILABLE=15
, 15 or more
bytes are available/free.
Table 17 gives a status byte summary.
Bits
Name
Description
7
CHIP_RDYn
Stays high until power and crystal have stabilized. Should always be low when using
the SPI interface.
6:4
STATE[2:0]
Indicates the current main state machine mode
Value
State
Description
000
IDLE
Idle state
(Also reported for some transitional states instead
of SETTLING or CALIBRATE)
001
RX
Receive mode
010
TX
Transmit mode
011
FSTXON
Frequency synthesizer is on, ready to start
transmitting
100
CALIBRATE
Frequency synthesizer calibration is running
101
SETTLING
PLL is settling
110
RXFIFO_OVERFLOW
RX FIFO has overflowed. Read out any
useful data, then flush the FIFO with SFRX
111
TXFIFO_UNDERFLOW
TX FIFO has underflowed. Acknowledge with
SFTX
3:0
FIFO_BYTES_AVAILABLE[3:0]
The number of bytes available in the RX FIFO or free bytes in the TX FIFO
(depends on the read/write-bit). If FIFO_BYTES_AVAILABLE=15, there are 15 or
more bytes in RX FIFO or 49 or less bytes in the TX FIFO.
Table 17: Status byte summary
10.2
Register Access
The configuration registers of the
CC2500 are
located on SPI addresses from 0x00 to 0x2F.
Table 35 on page 52 lists all configuration
registers. The detailed description of each
register is found in Section 31.1, starting on
page 55. All configuration registers can be
both written to and read. The read/write bit
controls if the register should be written to or
read. When writing to registers, the status byte
is sent on the SO pin each time a header byte
or data byte is transmitted on the SI pin.
When reading from registers, the status byte is
sent on the SO pin each time a header byte is
transmitted on the SI pin.
Registers with consecutive addresses can be
accessed in an efficient way by setting the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com