Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 4Page - Texas Instruments CC2500-RTR1 Datasheet HTML 5Page - Texas Instruments CC2500-RTR1 Datasheet HTML 6Page - Texas Instruments CC2500-RTR1 Datasheet HTML 7Page - Texas Instruments CC2500-RTR1 Datasheet HTML 8Page - Texas Instruments CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments CC2500-RTR1 Datasheet HTML 10Page - Texas Instruments CC2500-RTR1 Datasheet HTML 11Page - Texas Instruments CC2500-RTR1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 8 of 83
11.1
mA
Transmit mode, –12 dBm output power
15.1
mA
Transmit mode, -6 dBm output power
Current consumption,
TX states
21.2
mA
Transmit mode, 0 dBm output power
Table 4: Current consumption
4.2
RF Receive Section
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Digital channel filter
bandwidth
58
812
kHz
User programmable. The bandwidth limits are proportional
to crystal frequency (given values assume a 26.0 MHz
crystal).
2.4 kbps data rate, current optimized, MDMCFG2.DEM_DCFILT_OFF
= 1
(FSK, 1% packet error rate, 20 bytes packet length, 203 kHz digital channel filter bandwidth)
Receiver sensitivity
–104
dBm
The sensitivity can be improved to typically –106 dBm by
setting MDMCFG2.DEM_DCFILT_OFF = 0 . The typical
current consumption is in this case 17.0 mA at sensitivity
llimit.
Saturation
–13
dBm
Adjacent channel
rejection
23
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz
channel spacing
Alternate channel
rejection
31
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz
channel spacing
See Figure 22 for plot of selectivity versus frequency offset
10 kbps data rate, current optimized, MDMCFG2.DEM_DCFILT_OFF
= 1
(FSK, 1% packet error rate, 20 bytes packet length, 232 kHz digital channel filter bandwidth)
Receiver sensitivity
–99
dBm
The sensitivity can be improved to typically –101 dBm by
setting MDMCFG2.DEM_DCFILT_OFF = 0 . The typical
current consumption is in this case 17.3 mA at sensitivity
llimit.
Saturation
–9
dBm
Adjacent channel
rejection
18
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz
channel spacing
Alternate channel
rejection
25
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz
channel spacing
See Figure 23 for plot of selectivity versus frequency offset
250 kbps data rate, MDMCFG2.DEM_DCFILT_OFF
= 0
(MSK, 1% packet error rate, 20 bytes packet length, 540 kHz digital channel filter bandwidth)
Receiver sensitivity
–89
dBm
Saturation
–13
dBm
Adjacent channel
rejection
21
dB
Desired channel 3 dB above the sensitivity limit. 750 kHz
channel spacing
Alternate channel
rejection
30
dB
Desired channel 3 dB above the sensitivity limit. 750 kHz
channel spacing
See Figure 24 for plot of selectivity versus frequency offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com