Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 7Page - Texas Instruments CC2500-RTR1 Datasheet HTML 8Page - Texas Instruments CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments CC2500-RTR1 Datasheet HTML 10Page - Texas Instruments CC2500-RTR1 Datasheet HTML 11Page - Texas Instruments CC2500-RTR1 Datasheet HTML 12Page - Texas Instruments CC2500-RTR1 Datasheet HTML 13Page - Texas Instruments CC2500-RTR1 Datasheet HTML 14Page - Texas Instruments CC2500-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 11 of 83
4.5
Low Power RC Oscillator
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
34.6
34.7
36
kHz
Calibrated RC Oscillator frequency is XTAL
frequency divided by 750
Frequency accuracy after
calibration
+0.3
-10
%
The RC oscillator contains an error in the
calibration routine that statistically occurs in
17.3% of all calibrations performed. The given
maximum accuracy figures account for the
calibration error. Refer also to the
CC2500
Errata Note.
Temperature coefficient
+0.4
% /
°C
Frequency drift when temperature changes
after calibration
Supply voltage coefficient
+3
% / V
Frequency drift when supply voltage changes
after calibration
Initial calibration time
2
ms
When the RC Oscillator is enabled, calibration
is continuously done in the background as long
as the crystal oscillator is running.
Table 8: RC oscillator parameters
4.6
Frequency Synthesizer Characteristics
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed
frequency resolution
397
FXOSC/
2
16
412
Hz
26-27 MHz crystal.
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy (including
temperature and aging) depends on frequency band and
channel bandwidth / spacing.
–78
dBc/Hz
@ 50 kHz offset from carrier
–78
dBc/Hz
@ 100 kHz offset from carrier
–81
dBc/Hz
@ 200 kHz offset from carrier
–90
dBc/Hz
@ 500 kHz offset from carrier
–100
dBc/Hz
@ 1 MHz offset from carrier
–108
dBc/Hz
@ 2 MHz offset from carrier
–116
dBc/Hz
@ 5 MHz offset from carrier
RF carrier phase noise
–127
dBc/Hz
@ 10 MHz offset from carrier
PLL turn-on / hop time
88.4
µs
Time from leaving the IDLE state until arriving in the RX,
FSTXON or TX state, when not performing calibration.
Crystal oscillator running.
PLL RX/TX settling
time
9.6
µs
Settling time for the 1·IF frequency step from RX to TX
PLL TX/RX settling
time
21.5
µs
Settling time for the 1·IF frequency step from TX to RX
PLL calibration time
0.69
18739
0.72
0.72
XOSC
cycles
ms
Calibration can be initiated manually, or automatically
before entering or after leaving RX/TX.
Min/typ/max time is for 27/26/26 MHz crystal frequency.
Table 9: Frequency synthesizer parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com