Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 14Page - Texas Instruments CC2500-RTR1 Datasheet HTML 15Page - Texas Instruments CC2500-RTR1 Datasheet HTML 16Page - Texas Instruments CC2500-RTR1 Datasheet HTML 17Page - Texas Instruments CC2500-RTR1 Datasheet HTML 18Page - Texas Instruments CC2500-RTR1 Datasheet HTML 19Page - Texas Instruments CC2500-RTR1 Datasheet HTML 20Page - Texas Instruments CC2500-RTR1 Datasheet HTML 21Page - Texas Instruments CC2500-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 18 of 83
Transmit mode
Receive mode
Idle
Manual freq.
synth. calibration
RX FIFO
overflow
TX FIFO
underflow
Frequency
synthesizer on
SFSTXON
SRX or wake-on-radio (WOR)
STX
STX
STX or RXOFF_MODE=10
RXOFF_MODE=00
SFTX
SRX or TXOFF_MODE=11
SIDLE
SCAL
SFRX
Idle
TXOFF_MODE=00
SFSTXON or RXOFF_MODE=01
SRX or STX or SFSTXON or wake-on-radio (WOR)
Sleep
SPWD or wake-on-radio (WOR)
Crystal
oscillator off
SXOFF
CSn=0
CSn=0
TXOFF_MODE=01
Frequency
synthesizer startup,
optional calibration,
settling
Optional freq.
synth. calibration
Default state when the radio is not
receiving or transmitting. Typ.
current consumption: 1.5mA.
Lowest power mode. Most
register values are retained.
Typ. current consumption
400nA, or 900nA when
wake-on-radio (WOR) is
enabled.
All register values are
retained. Typ. current
consumption; 0.16mA.
Used for calibrating frequency
synthesizer upfront (entering
receive or transmit mode can
then be done quicker).
Transitional state. Typ. current
consumption: 7.4mA.
Frequency synthesizer is turned on, can optionally be
calibrated, and then settles to the correct frequency.
Transitional state. Typ. current consumption: 7.4mA.
Frequency synthesizer is on,
ready to start transmitting.
Transmission starts very
quickly after receiving the
STX command strobe.Typ.
current consumption: 7.4mA.
Typ. current consumption:
11.1mA at -12dBm output,
15.1mA at -6dBm output,
21.2mA at 0dBm output.
Typ. current
consumption:
from 13.3mA (strong
input signal) to 16.6mA
(weak input signal).
Optional transitional state. Typ.
current consumption: 7.4mA.
In FIFO-based modes,
transmission is turned off
and this state entered if the
TX FIFO becomes empty in
the middle of a packet. Typ.
current consumption: 1.5mA.
In FIFO-based modes,
reception is turned off and
this state entered if the RX
FIFO overflows. Typ.
current consumption:
1.5mA.
Figure 5: Simplified state diagram, with typical usage and current consumption at 250 kbps
data rate and MDMCFG2.DEM_DCFILT_OFF = 1 (current optimized)
9
Configuration Software
CC2500 can be configured using the SmartRF®
Studio software, available for download from
http://www.ti.com.
The
SmartRF®
Studio
software is highly recommended for obtaining
optimum register settings, and for evaluating
performance and functionality. A screenshot of
the SmartRF® Studio user interface for
CC2500
is shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com