Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 2 Page - Texas Instruments

  CC2500-RTR1 Datasheet HTML 1Page - Texas Instruments CC2500-RTR1 Datasheet HTML 2Page - Texas Instruments CC2500-RTR1 Datasheet HTML 3Page - Texas Instruments CC2500-RTR1 Datasheet HTML 4Page - Texas Instruments CC2500-RTR1 Datasheet HTML 5Page - Texas Instruments CC2500-RTR1 Datasheet HTML 6Page - Texas Instruments CC2500-RTR1 Datasheet HTML 7Page - Texas Instruments CC2500-RTR1 Datasheet HTML 8Page - Texas Instruments CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 2 of 83
Features (continued from front page)
Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STD-
T66 (Japan)
Wake-on-radio functionality for automatic
low-power RX polling
Many powerful digital features allow a
high-performance RF system to be made
using an inexpensive microcontroller
Integrated analog temperature sensor
Lead-free “green“ package
Flexible
support
for
packet
oriented
systems: On chip support for sync word
detection, address check, flexible packet
length and automatic CRC handling.
Programmable channel filter bandwidth
FSK, GFSK and MSK supported
OOK supported
Automatic
Frequency
Compensation
(AFC) can be used to align the frequency
synthesizer to received centre frequency
Optional automatic whitening and de-
whitening of data
Support for asynchronous transparent
receive/transmit
mode
for
backwards
compatibility
with
existing
radio
communication protocols
Programmable Carrier Sense indicator
Programmable Preamble Quality Indicator
(PQI)
for
detecting
preambles
and
improved protection against sync word
detection in random noise
Support for automatic Clear Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
Support for per-package Link Quality
Indication
Abbreviations
Abbreviations used in this data sheet are described below.
ACP
Adjacent Channel Power
MSK
Minimum Shift Keying
ADC
Analog to Digital Converter
NA
Not Applicable
AFC
Automatic Frequency Offset Compensation
OOK
On Off Keying
AGC
Automatic Gain Control
PA
Power Amplifier
AMR
Automatic Meter Reading
PCB
Printed Circuit Board
ARIB
Association of Radio Industries and Businesses
PD
Power Down
BER
Bit Error Rate
PER
Packet Error Rate
BT
Bandwidth-Time product
PLL
Phase Locked Loop
CCA
Clear Channel Assessment
POR
Power-on Reset
CFR
Code of Federal Regulations
PQI
Preamble Quality Indicator
CRC
Cyclic Redundancy Check
PQT
Preamble Quality Threshold
CS
Carrier Sense
RCOSC
RC Oscillator
DC
Direct Current
QPSK
Quadrature Phase Shift Keying
ESR
Equivalent Series Resistance
QLP
Quad Leadless Package
FCC
Federal Communications Commission
RF
Radio Frequency
FEC
Forward Error Correction
RSSI
Received Signal Strength Indicator
FIFO
First-In-First-Out
RX
Receive, Receive Mode
FHSS
Frequency Hopping Spread Spectrum
SMD
Surface Mount Device
FSK
Frequency Shift Keying
SNR
Signal to Noise Ratio
GFSK
Gaussian shaped Frequency Shift Keying
SPI
Serial Peripheral Interface
IF
Intermediate Frequency
SRD
Short Range Device
I/Q
In-Phase/Quadrature
T/R
Transmit/Receive
ISM
Industrial, Scientific and Medical
TX
Transmit, Transmit Mode
LBT
Listen Before Transmit
VCO
Voltage Controlled Oscillator
LC
Inductor-Capacitor
WLAN
Wireless Local Area Networks
LNA
Low Noise Amplifier
WOR
Wake on Radio, Low power polling
LO
Local Oscillator
XOSC
Crystal Oscillator
LQI
Link Quality Indicator
XTAL
Crystal
MCU
Microcontroller Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com