Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 29Page - Texas Instruments CC2500-RTR1 Datasheet HTML 30Page - Texas Instruments CC2500-RTR1 Datasheet HTML 31Page - Texas Instruments CC2500-RTR1 Datasheet HTML 32Page - Texas Instruments CC2500-RTR1 Datasheet HTML 33Page - Texas Instruments CC2500-RTR1 Datasheet HTML 34Page - Texas Instruments CC2500-RTR1 Datasheet HTML 35Page - Texas Instruments CC2500-RTR1 Datasheet HTML 36Page - Texas Instruments CC2500-RTR1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 33 of 83
Carrier Sense (CS) can be used as a sync
word qualifier that requires the signal level to
be higher than the threshold for a sync word
search to be performed. The signal can also
be observed on one of the GDO pins and in
the status register bit PKTSTATUS.CS.
Other uses of Carrier Sense include the TX-If-
CCA function (see Section 17.5 on page 33)
and the optional fast RX termination (see
Section 19.7 on page 38).
CS can be used to avoid interference from e.g.
WLAN.
17.4.1 CS Absolute Threshold
The absolute threshold related to the RSSI
value is given by:
MAX
RSSI
GAIN
THR
ABS
SENSE
CARRIER
TARGET
MAGN
THR
+
=
_
_
_
_
The maximum possible gain can be reduced
using the AGCCTRL2.MAX_LNA_GAIN and
AGCCTRL2.MAX_DVGA_GAIN
register fields.
CARRIER_SENSE_ABS_THR
is programmable
in 1 dB steps from -7 dB to + 7dB. Table 26
and Table 27 show the RSSI readout values
at the CS threshold at 2.4 kbps and 250 kbps
data
rate
respectively.
The
default
CARRIER_SENSE_ABS_THR
= 0 (0 dB) and
MAGN_TARGET
= 3 (33 dB) have been used.
MAX_DVGA_GAIN[1:0]
00
01
10
11
000
-99
-93
-87
-81.5
001
-97
-90.5
-85
-78.5
010
-93.5
-87
-82
-76
011
-91.5
-86
-80
-74
100
-90.5
-84
-78
-72.5
101
-88
-82.5
-76
-70
110
-84.5
-78.5
-73
-67
111
-82.5
-76
-70
-64
Table 26: Typical RSSI value in dBm at CS
threshold with default MAGN_TARGET at 2.4
kbps
MAX_DVGA_GAIN[1:0]
00
01
10
11
000
-96
-90
-84
-78.5
001
-94.5
-89
-83
-77.5
010
-92.5
-87
-81
-75
011
-91
-85
-78.5
-73
100
-87.5
-82
-76
-70
101
-85
-79.5
-73.5
-67.5
110
-83
-76.5
-70.5
-65
111
-78
-72
-66
-60
Table 27: Typical RSSI value in dBm at CS
threshold with default MAGN_TARGET at
250 kbps
If the threshold is set high, i.e. only strong
signals are wanted, the threshold should be
adjusted upwards by first reducing the
MAX_LNA_GAIN
value
and
then
the
MAX_DVGA_GAIN value. This will reduce
power consumption in the receiver front end,
since the highest gain settings are avoided.
The MAGN_TARGET setting is a compromise
between
blocker
tolerance/selectivity
and
sensitivity. The value sets the desired signal
level in the channel into the demodulator.
Increasing this value reduces the headroom
for blockers, and therefore close-in selectivity.
17.4.2 CS relative threshold
The relative threshold detects sudden changes
in the measured signal level. This setting is not
dependent on the absolute signal level and is
thus useful to detect signals in environments
with a time varying noise floor. The register
field AGCCTRL1.CARRIER_SENSE_REL_THR
is used to enable/disable relative CS, and to
select threshold of 6 dB, 10 dB or 14 dB RSSI
change
17.5
Clear Channel Assessment (CCA)
The Clear Channel Assessment is used to
indicate if the current channel is free or busy.
The current CCA state is viewable on any of
the GDO pins.
MCSM1.CCA_MODE
selects the mode to use
when determining CCA.
When the STX or SFSTXON command strobe is
given while
CC2500 is in the RX state, the TX
state is only entered if the clear channel
requirements are fulfilled. The chip will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com