Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 5Page - Texas Instruments CC2500-RTR1 Datasheet HTML 6Page - Texas Instruments CC2500-RTR1 Datasheet HTML 7Page - Texas Instruments CC2500-RTR1 Datasheet HTML 8Page - Texas Instruments CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments CC2500-RTR1 Datasheet HTML 10Page - Texas Instruments CC2500-RTR1 Datasheet HTML 11Page - Texas Instruments CC2500-RTR1 Datasheet HTML 12Page - Texas Instruments CC2500-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 9 of 83
Parameter
Min
Typ
Max
Unit
Condition/Note
250 kbps data rate, current optimized, MDMCFG2.DEM_DCFILT_OFF
= 1
(MSK, 1% packet error rate, 20 bytes packet length, 540 kHz digital channel filter bandwidth)
Receiver sensitivity
–87
dBm
Saturation
–13
dBm
Adjacent channel
rejection
21
dB
Desired channel 3 dB above the sensitivity limit. 750 kHz
channel spacing
Alternate channel
rejection
30
dB
Desired channel 3 dB above the sensitivity limit. 750 kHz
channel spacing
See Figure 25 for plot of selectivity versus frequency offset
500 kbps data rate, MDMCFG2.DEM_DCFILT_OFF
= 0
(MSK, 1% packet error rate, 20 bytes packet length, 812 kHz digital channel filter bandwidth)
Receiver sensitivity
–82
dBm
Saturation
–18
dBm
Adjacent channel
rejection
14
dB
Desired channel 3 dB above the sensitivity limit. 1 MHz
channel spacing
Alternate channel
rejection
25
dB
Desired channel 3 dB above the sensitivity limit. 1 MHz
channel spacing
See Figure 26 for plot of selectivity versus frequency offset
General
Blocking at ±10 MHz
offset
47
dB
Desired channel at –80 dBm. Compliant with ETSI EN 300
440 class 2 receiver requirements.
Blocking at ±20 MHz
offset
52
dB
Desired channel at –80 dBm. Compliant with ETSI EN 300
440 class 2 receiver requirements.
Blocking at ±50 MHz
offset
54
dB
Desired channel at –80 dBm. Compliant with ETSI EN 300
440 class 2 receiver requirements.
Spurious emissions
25 MHz – 1 GHz
Above 1 GHz
–57
–47
dBm
dBm
Table 5: RF receive parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com