Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 61 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 57Page - Texas Instruments CC2500-RTR1 Datasheet HTML 58Page - Texas Instruments CC2500-RTR1 Datasheet HTML 59Page - Texas Instruments CC2500-RTR1 Datasheet HTML 60Page - Texas Instruments CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments CC2500-RTR1 Datasheet HTML 64Page - Texas Instruments CC2500-RTR1 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 61 of 83
0x12: MDMCFG2 – Modem configuration
Bit
Field Name
Reset
R/W
Description
7
DEM_DCFILT_OFF
0
R/W
Disable digital DC blocking filter before demodulator.
0 = Enable (better sensitivity for data rates ≤ 250 kbps)
1 = Disable (current optimized)
The recommended IF frequency changes when the DC
blocking is disabled.
6:4
MOD_FORMAT[2:0]
0 (000)
R/W
The modulation format of the radio signal
Setting
Modulation format
0 (000)
FSK
1 (001)
GFSK
2 (010)
-
3 (011)
OOK
4 (100)
-
5 (101)
-
6 (110)
-
7 (111)
MSK
3
MANCHESTER_EN
0
R/W
Enables Manchester encoding/decoding.
0 = Disable
1 = Enable
2:0
SYNC_MODE[2:0]
2 (010)
R/W
Combined sync-word qualifier mode.
The values 0 (000) and 4 (100) disables preamble and
sync word transmission in TX and preamble and sync
word detection in RX.
The values 1 (001), 2 (001), 5 (101) and 6 (110)
enables 16-bit sync word transmission in TX and 16-
bits sync word detection in RX. Only 15 of 16 bits need
to match in RX when using setting 1 (001) or 5 (101).
The values 3 (011) and 7 (111) enables repeated sync
word transmission in TX and 32-bits sync word
detection in RX (only 30 of 32 bits need to match).
Setting
Sync-word qualifier mode
0 (000)
No preamble/sync
1 (001)
15/16 sync word bits detected
2 (010)
16/16 sync word bits detected
3 (011)
30/32 sync word bits detected
4 (100)
No preamble/sync, carrier-sense
above threshold
5 (101)
15/16 + carrier-sense above threshold
6 (110)
16/16 + carrier-sense above threshold
7 (111)
30/32 + carrier-sense above threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com