Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 79 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 79 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 75Page - Texas Instruments CC2500-RTR1 Datasheet HTML 76Page - Texas Instruments CC2500-RTR1 Datasheet HTML 77Page - Texas Instruments CC2500-RTR1 Datasheet HTML 78Page - Texas Instruments CC2500-RTR1 Datasheet HTML 79Page - Texas Instruments CC2500-RTR1 Datasheet HTML 80Page - Texas Instruments CC2500-RTR1 Datasheet HTML 81Page - Texas Instruments CC2500-RTR1 Datasheet HTML 82Page - Texas Instruments CC2500-RTR1 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 79 of 83
32.1
Recommended PCB layout for package (QLP 20)
Figure 30: Recommended PCB layout for QLP 20 package
Note: The figure is an illustration only and not to scale. There are five 10 mil diameter via holes
distributed symmetrically in the ground pad under the package. See also the CC2500EM
reference design.
32.2
Package thermal properties
Thermal resistance
Air velocity [m/s]
0
Rth,j-a [K/W]
40.4
Table 39: Thermal properties of QLP 20 package
32.3
Soldering information
The recommendations for lead-free reflow in IPC/JEDEC J-STD-020C should be followed.
32.4
Tray specification
CC2500 can be delivered in standard QLP 4x4 mm shipping trays.
Tray Specification
Package
Tray Width
Tray Height
Tray Length
Units per Tray
QLP 20
135.9 mm
7.62 mm
322.6 mm
490
Table 40: Tray specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com