Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 6Page - Texas Instruments CC2500-RTR1 Datasheet HTML 7Page - Texas Instruments CC2500-RTR1 Datasheet HTML 8Page - Texas Instruments CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments CC2500-RTR1 Datasheet HTML 10Page - Texas Instruments CC2500-RTR1 Datasheet HTML 11Page - Texas Instruments CC2500-RTR1 Datasheet HTML 12Page - Texas Instruments CC2500-RTR1 Datasheet HTML 13Page - Texas Instruments CC2500-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 10 of 83
4.3
RF Transmit Section
Tc = 25
°C, VDD = 3.0 V, 0 dBm if nothing else stated. All measurement results obtained using the CC2500EM reference
design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Differential load
impedance
80 + j74
Differential impedance as seen from the RF-port (RF_P and
RF_N) towards the antenna. Follow the CC2500EM
reference design available from the TI and Chipcon
websites.
Output power,
highest setting
0
dBm
Output power is programmable and is available across the
entire frequency band.
Delivered to a 50
Ω single-ended load via CC2500EM
reference design RF matching network.
Output power,
lowest setting
–30
dBm
Output power is programmable and is available across the
entire frequency band.
Delivered to a 50
Ω single-ended load via CC2500EM
reference design RF matching network.
Spurious emissions
25 MHz – 1 GHz
47-74, 87.5-118, 174-
230, 470-862 MHz
1800-1900 MHz
At 2·RF and 3·RF
Otherwise above 1
GHz
–36
–54
–47
–41
–30
dBm
dBm
dBm
dBm
dBm
Restricted band in Europe
Restricted bands in USA
Table 6: RF transmit parameters
4.4
Crystal Oscillator
Tc = 25
°C, VDD = 3.0 V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
26
26
27
MHz
Tolerance
±40
ppm
This is the total tolerance including a) initial tolerance, b) crystal
loading, c) aging and d) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth.
ESR
100
Start-up time
300
µs
Measured on CC2500EM reference design.
Table 7: Crystal oscillator parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com