Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 2Page - Texas Instruments CC2500-RTR1 Datasheet HTML 3Page - Texas Instruments CC2500-RTR1 Datasheet HTML 4Page - Texas Instruments CC2500-RTR1 Datasheet HTML 5Page - Texas Instruments CC2500-RTR1 Datasheet HTML 6Page - Texas Instruments CC2500-RTR1 Datasheet HTML 7Page - Texas Instruments CC2500-RTR1 Datasheet HTML 8Page - Texas Instruments CC2500-RTR1 Datasheet HTML 9Page - Texas Instruments CC2500-RTR1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 6 of 83
1
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
Parameter
Min
Max
Units
Condition
Supply voltage
–0.3
3.6
V
All supply pins must have the same voltage
Voltage on any digital pin
–0.3
VDD+0.3,
max 3.6
V
Voltage on the pins RF_P, RF_N
and DCOUPL
–0.3
2.0
V
Voltage ramp-up rate
120
kV/µs
Input RF level
+10
dBm
Storage temperature range
–50
150
°C
Solder reflow temperature
260
°C
According to IPC/JEDEC J-STD-020C
ESD
<500
V
According to JEDEC STD 22, method A114,
Human Body Model
Table 1: Absolute maximum ratings
2
Operating Conditions
The operating conditions for
CC2500 are listed Table 2 in below.
Parameter
Min
Max
Unit
Condition
Operating temperature
–40
85
°C
Operating supply voltage
1.8
3.6
V
All supply pins must have the same voltage
Table 2: Operating conditions
3
General Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Frequency range
2400
2483.5
MHz
Data rate
1.2
1.2
26
500
250
500
kbps
kbps
kbps
FSK
GFSK and OOK
(Shaped) MSK (also known as differential offset
QPSK)
Optional Manchester encoding (halves the data rate).
Table 3: General characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com