Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 59 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 55Page - Texas Instruments CC2500-RTR1 Datasheet HTML 56Page - Texas Instruments CC2500-RTR1 Datasheet HTML 57Page - Texas Instruments CC2500-RTR1 Datasheet HTML 58Page - Texas Instruments CC2500-RTR1 Datasheet HTML 59Page - Texas Instruments CC2500-RTR1 Datasheet HTML 60Page - Texas Instruments CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 59 of 83
0x0B: FSCTRL1 – Frequency synthesizer control
Bit
Field Name
Reset
R/W
Description
7:5
Reserved
R0
4:0
FREQ_IF[4:0]
15 (0x0F)
R/W
The desired IF frequency to employ in RX. Subtracted from FS
base frequency in RX and controls the digital complex mixer in
the demodulator.
IF
FREQ
f
f
XOSC
IF
_
2
10
=
The default value gives an IF frequency of 381 kHz, assuming
a 26.0 MHz crystal.
0x0C: FSCTRL0 – Frequency synthesizer control
Bit
Field Name
Reset
R/W
Description
7:0
FREQOFF[7:0]
0 (0x00)
R/W
Frequency offset added to the base frequency before being
used by the FS. (2-complement).
Resolution is FXTAL/2
14 (1.59 - 1.65 kHz); range is ±202 kHz to
±210 kHz, dependent of XTAL frequency.
0x0D: FREQ2 – Frequency control word, high byte
Bit
Field Name
Reset
R/W
Description
7:6
FREQ[23:22]
1 (01)
R
FREQ[23:22] is always binary 01 (the FREQ2 register is in the range 85 to
95 with 26-27 MHz crystal)
5:0
FREQ[21:16]
30
(0x1E)
R/W
FREQ[23:0] is the base frequency for the frequency synthesiser in
increments of FXOSC/2
16.
[]
0
:
23
2
16
FREQ
f
f
XOSC
carrier
=
The default frequency word gives a base frequency of 2464 MHz,
assuming a 26.0 MHz crystal. With the default channel spacing settings,
the following FREQ2 values and channel numbers can be used:
FREQ2
Base frequency
Frequency range (CHAN numbers)
91 (0x5B)
2386 MHz
2400.2-2437 MHz (71-255)
92 (0x5C)
2412 MHz
2412-2463 MHz (0-255)
93 (0x5D)
2438 MHz
2431-2483.4 MHz (0-227)
94 (0x5E)
2464 MHz
2464-2483.4 MHz (0-97)
0x0E: FREQ1 – Frequency control word, middle byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[15:8]
196 (0xC4)
R/W
Ref. FREQ2 register
0x0F: FREQ0 – Frequency control word, low byte
Bit
Field Name
Reset
R/W
Description
7:0
FREQ[7:0]
236 (0xEC)
R/W
Ref. FREQ2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com