Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 80 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 76Page - Texas Instruments CC2500-RTR1 Datasheet HTML 77Page - Texas Instruments CC2500-RTR1 Datasheet HTML 78Page - Texas Instruments CC2500-RTR1 Datasheet HTML 79Page - Texas Instruments CC2500-RTR1 Datasheet HTML 80Page - Texas Instruments CC2500-RTR1 Datasheet HTML 81Page - Texas Instruments CC2500-RTR1 Datasheet HTML 82Page - Texas Instruments CC2500-RTR1 Datasheet HTML 83Page - Texas Instruments CC2500-RTR1 Datasheet HTML 84Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 80 of 83
32.5
Carrier tape and reel specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QLP 20
12 mm
8 mm
4 mm
13 inches
2500
Table 41: Carrier tape and reel specification
33 Ordering Information
Chipcon Part
Number
TI Part Number
Description
Minimum Order Quantity
(MOQ)
CC2500-RTY1
CC2500RTK
CC2500 QLP20 RoHS Pb-free 490/tray
490 (tray)
CC2500-RTR1
CC2500RTKR
CC2500 QLP20 RoHS Pb-free 2500/T&R
2500 (tape and reel)
CC2500-CC2550DK
CC2500-CC2550DK
CC2500_CC2550 Development Kit
1
CC2500EMK
CC2500EMK
CC2500 Evaluation Module Kit
1
Table 42: Ordering information
34 General Information
34.1
Document History
Revision
Date
Description/Changes
1.2
2006-06-28 Added figures to table on SPI interface timing requirements.
Added information about SPI read.
Updates to text and included new figure in section on arbitrary length configuration.
Updates to section on CRC check. Added information about CRC check when
PKTCTRL0.CC2400_EN=1.
Added information on RSSI update rate in section RSSI.
Updates to text and included new figures in section on power-on start-up sequence.
Changes to wake-on-radio current consumption figures under electrical specifications.
Updates to text in section on data FIFO.
Added information about how to check for PLL lock in section on VCO.
Better explanation of some of the signals in table of GDO signal selection. Also added some more
signals.
Added section on wideband modulation not using spread spectrum under section on system
considerations and guidelines.
Changes to timeout for sync word search in RX in register MCSM2.
Changes to wake-on-radio control register WORCTRL. WOR_RES[1:0] settings 10 b and 11b
changed to Not Applicable (NA).
Added more detailed information on PO_TIMEOUT in register MCSM0.
Added description of programming bits in registers FOCCFG, BSCFG, AGCCTRL0, FREND1.
Changes to ordering information.
1.1
2005-10-20 MDMCFG2[7] used. 26-27 MHz crystal range. Chapter 15: description of the 2 optional append
bytes. Added matching information. Added information about using a reference signal instead of a
crystal. CRC can only be checked by append bytes or CRC_AUTOFLUSH. Added equation for
calculating RSSI in dBm. Selectivity performance graphs added.
1.0
2005-01-24 First preliminary release.
Table 43: Document history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com