Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 42 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 38Page - Texas Instruments CC2500-RTR1 Datasheet HTML 39Page - Texas Instruments CC2500-RTR1 Datasheet HTML 40Page - Texas Instruments CC2500-RTR1 Datasheet HTML 41Page - Texas Instruments CC2500-RTR1 Datasheet HTML 42Page - Texas Instruments CC2500-RTR1 Datasheet HTML 43Page - Texas Instruments CC2500-RTR1 Datasheet HTML 44Page - Texas Instruments CC2500-RTR1 Datasheet HTML 45Page - Texas Instruments CC2500-RTR1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 42 of 83
If the chip is programmed to enter power-down
mode, (SPWD strobe issued), the power will be
turned off after CSn goes high. The power and
crystal oscillator will be turned on again when
CSn
goes low.
The voltage regulator output should only be
used for driving the
CC2500.
24 Output Power Programming
The RF output power level from the device has
two levels of programmability, as illustrated in
Figure 21. Firstly, the special PATABLE
register can hold up to eight user selected
output power settings. Secondly, the 3-bit
FREND0.PA_POWER
value
selects
the
PATABLE
entry
to
use.
This
two-level
functionality provides flexible PA power ramp
up and ramp down at the start and end of
transmission. All the PA power settings in the
PATABLE
from
index
0
up
to
the
FREND0.PA_POWER
value are used.
The power ramping at the start and at the end
of a packet can be turned off by setting
FREND0.PA_POWER
to 0 and then program
the desired output power to index 0 in the
PATABLE
.
Table 31 contains recommended PATABLE
settings
for
various
output
levels
and
frequency bands. See Section 10.6 on page
23 for PATABLE programming details.
PATABLE
must be programmed in burst mode
if you want to write to other entries than
PATABLE[0].
e.g 6
PA_POWER[2:0]
in FREND0 register
PATABLE(0)[7:0]
PATABLE(1)[7:0]
PATABLE(2)[7:0]
PATABLE(3)[7:0]
PATABLE(4)[7:0]
PATABLE(5)[7:0]
PATABLE(6)[7:0]
PATABLE(7)[7:0]
Index into PATABLE(7:0)
The PA uses this
setting.
Settings 0 to PA_POWER are
used during ramp-up at start of
transmission and ramp-down at
end of transmission, and for
OOK modulation.
The SmartRF® Studio software
should be used to obtain optimum
PATABLE settings for various
output powers.
Figure 21: PA_POWER and PATABLE
Default power setting
Output power,
typical [dBm]
Current consumption,
typical [mA]
0xC6
-11.8
11.1
Table 30: Output power and current consumption for default PATABLE setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com