Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 78 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 74Page - Texas Instruments CC2500-RTR1 Datasheet HTML 75Page - Texas Instruments CC2500-RTR1 Datasheet HTML 76Page - Texas Instruments CC2500-RTR1 Datasheet HTML 77Page - Texas Instruments CC2500-RTR1 Datasheet HTML 78Page - Texas Instruments CC2500-RTR1 Datasheet HTML 79Page - Texas Instruments CC2500-RTR1 Datasheet HTML 80Page - Texas Instruments CC2500-RTR1 Datasheet HTML 81Page - Texas Instruments CC2500-RTR1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 78 of 83
0x3B (0xFB): RXBYTES – Overflow and number of bytes
Bit
Field Name
Reset
R/W
Description
7
RXFIFO_OVERFLOW
R
6:0
NUM_RXBYTES
R
Number of bytes in RX FIFO
32 Package Description (QLP 20)
All dimensions are in millimetres, angles in degrees. NOTE: The
CC2500 is available in RoHS
lead-free package only.
Figure 29: Package dimensions drawing
Package type
A
A1
A2
D
D1
D2
E
E1
E2
L
T
b
e
Min
0.75
0.005
0.55
3.90
3.65
3.90
3.65
0.45
0.190
0.18
QLP 20 (4x4)
Typ.
0.85
0.025
0.65
4.00
3.75
2.40
4.00
3.75
2.40
0.55
0.23
0.50
Max
0.95
0.045
0.75
4.10
3.85
4.10
3.85
0.65
0.245
0.30
Table 38: Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com