Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 48 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 44Page - Texas Instruments CC2500-RTR1 Datasheet HTML 45Page - Texas Instruments CC2500-RTR1 Datasheet HTML 46Page - Texas Instruments CC2500-RTR1 Datasheet HTML 47Page - Texas Instruments CC2500-RTR1 Datasheet HTML 48Page - Texas Instruments CC2500-RTR1 Datasheet HTML 49Page - Texas Instruments CC2500-RTR1 Datasheet HTML 50Page - Texas Instruments CC2500-RTR1 Datasheet HTML 51Page - Texas Instruments CC2500-RTR1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 48 of 83
29 Asynchronous and Synchronous Serial Operation
Several features and modes of operation have
been included in the
CC2500 to provide
backward compatibility with previous Chipcon
products and other existing RF communication
systems. For new systems, it is recommended
to use the built-in packet handling features, as
they can give more robust communication,
significantly offload the microcontroller and
simplify software development.
29.1
Asynchronous operation
For backward compatibility with systems
already using the asynchronous data transfer
from other Chipcon products, asynchronous
transfer is also included in
CC2500. When
asynchronous transfer is enabled, several of
the support mechanisms for the MCU that are
included in
CC2500 will be disabled, such as
packet handling hardware, buffering in the
FIFO and so on. The asynchronous transfer
mode does not allow the use of the data
whitener, interleaver and FEC.
Only FSK, GFSK and OOK are supported for
asynchronous transfer.
Setting
PKTCTRL0.PKT_FORMAT
to
3
enables asynchronous transparent (serial)
mode.
In TX, the GDO0 pin is used for data input (TX
data). Data output can be GDO0, GDO1 or
GDO2
.
The MCU must control start and stop of
transmit and receive with the STX, SRX and
SIDLE
strobes.
The
CC2500 modulator samples the level of the
asynchronous input 8 times faster than the
programmed data rate. The timing requirement
for the asynchronous stream is that the error in
the bit period must be less than one eighth of
the programmed data rate.
29.2
Synchronous serial operation
Setting
PKTCTRL0.PKT_FORMAT
to
1
enables synchronous serial operation mode. In
this operational mode the data must be NRZ
encoded (MDMCFG2.MANCHESTER_EN=0). In
the synchronous serial operation mode, data is
transferred on a two wire serial interface. The
CC2500 provides a clock that is used to set up
new data on the data input line or sample data
on the data output line. Data input (TX data) is
the GDO0 pin. This pin will automatically be
configured as an input when TX is active. The
data output pin can be any of the GDO pins;
this is set by the IOCFG0.GDO0_CFG,
IOCFG1.GDO1_CFG
and IOCFG2.GDO2_CFG
fields.
Preamble and sync word insertion/detection
may or may not be active, dependent on the
sync mode set by the MDMCFG2.SYNC_MODE.
If preamble and sync word is disabled, all
other packet handler features and FEC should
also be disabled. The MCU must then handle
preamble and sync word insertion and
detection in software. If preamble and sync
word insertion/detection is left on, all packet
handling features and FEC can be used. The
CC2500 will insert and detect the preamble and
sync word and the MCU will only provide/get
the data payload. This is equivalent to the
recommended FIFO operation mode.
30 System considerations and Guidelines
30.1
SRD Regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. Short Range Devices (SRDs) for
license free operation are allowed to operate
in the 2.45 GHz bands worldwide. The most
important regulations are EN 300 440 and EN
300 328 (Europe), FCC CFR47 part 15.247
and 15.249 (USA), and ARIB STD-T66
(Japan). A summary of the most important
aspects of these regulations can be found in
Application Note AN032 SRD regulations for
license-free transceiver operation in the 2.4
GHz band
, available from the TI and Chipcon
websites.
Please note that compliance with regulations
is
dependent
on
complete
system
performance. It is the customer’s responsibility
to ensure that the system complies with
regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com