Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 67 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments CC2500-RTR1 Datasheet HTML 64Page - Texas Instruments CC2500-RTR1 Datasheet HTML 65Page - Texas Instruments CC2500-RTR1 Datasheet HTML 66Page - Texas Instruments CC2500-RTR1 Datasheet HTML 67Page - Texas Instruments CC2500-RTR1 Datasheet HTML 68Page - Texas Instruments CC2500-RTR1 Datasheet HTML 69Page - Texas Instruments CC2500-RTR1 Datasheet HTML 70Page - Texas Instruments CC2500-RTR1 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 67 of 83
0x19: FOCCFG – Frequency Offset Compensation configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5
FOC_BS_CS_GATE
1
R/W
If set, the demodulator freezes the frequency offset
compensation and clock recovery feedback loops until the
CARRIER_SENSE signal goes high.
4:3
FOC_PRE_K[1:0]
2 (10)
R/W
The frequency compensation loop gain to be used before a sync
word is detected.
Setting
Freq. compensation loop gain before sync word
0 (00)
K
1 (01)
2K
2 (10)
3K
3 (11)
4K
2
FOC_POST_K
1
R/W
The frequency compensation loop gain to be used after a sync
word is detected.
Setting
Freq. compensation loop gain after sync word
0
Same as FOC_PRE_K
1
K
/2
1:0
FOC_LIMIT[1:0]
2 (10)
R/W
The saturation point for the frequency offset compensation
algorithm:
Setting
Saturation point (max compensated offset)
0 (00)
±0 (no frequency offset compensation)
1 (01)
±BWCHAN/8
2 (10)
±BWCHAN/4
3 (11)
±BWCHAN/2
Frequency offset compensation is not supported for OOK;
Always use FOC_LIMIT=0 with this modulation format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com