Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500-RTR1 Datasheet(PDF) 77 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 77 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 73Page - Texas Instruments CC2500-RTR1 Datasheet HTML 74Page - Texas Instruments CC2500-RTR1 Datasheet HTML 75Page - Texas Instruments CC2500-RTR1 Datasheet HTML 76Page - Texas Instruments CC2500-RTR1 Datasheet HTML 77Page - Texas Instruments CC2500-RTR1 Datasheet HTML 78Page - Texas Instruments CC2500-RTR1 Datasheet HTML 79Page - Texas Instruments CC2500-RTR1 Datasheet HTML 80Page - Texas Instruments CC2500-RTR1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 77 of 83
0x36 (0xF6): WORTIME1 – High byte of WOR time
Bit
Field Name
Reset
R/W
Description
7:0
TIME[15:8]
R
High byte of timer value in WOR module
0x37 (0xF7): WORTIME0 – Low byte of WOR time
Bit
Field Name
Reset
R/W
Description
7:0
TIME[7:0]
R
Low byte of timer value in WOR module
0x38 (0xF8): PKTSTATUS – Current GDOx status and packet status
Bit
Field Name
Reset
R/W
Description
7
CRC_OK
R
The last CRC comparison matched. Cleared when
entering/restarting RX mode. Only valid if
PKTCTRL0.CC2400_EN
= 1.
6
CS
R
Carrier sense
5
PQT_REACHED
R
Preamble Quality reached
4
CCA
R
Clear channel assessment
3
SFD
R
Sync word found
2
GDO2
R
Current GDO2 value. Note: the reading gives the non-inverted
value irrespective what IOCFG2.GDO2_INV is programmed
to.
It is not recommended to check for PLL lock by reading
PKTSTATUS[2]
with GDO2_CFG = 0x0A.
1
Reserved
R0
0
GDO0
R
Current GDO0 value. Note: the reading gives the non-inverted
value irrespective what IOCFG0.GDO0_INV is programmed
to.
It is not recommended to check for PLL lock by reading
PKTSTATUS[0]
with GDO0_CFG = 0x0A.
0x39 (0xF9): VCO_VC_DAC – Current setting from PLL calibration module
Bit
Field Name
Reset
R/W
Description
7:0
VCO_VC_DAC[7:0]
R
Status register for test only.
0x3A (0xFA): TXBYTES – Underflow and number of bytes
Bit
Field Name
Reset
R/W
Description
7
TXFIFO_UNDERFLOW
R
6:0
NUM_TXBYTES
R
Number of bytes in TX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com