Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 222 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 222 Page - SIMCom

Back Button SIM800 Datasheet HTML 218Page - SIMCom SIM800 Datasheet HTML 219Page - SIMCom SIM800 Datasheet HTML 220Page - SIMCom SIM800 Datasheet HTML 221Page - SIMCom SIM800 Datasheet HTML 222Page - SIMCom SIM800 Datasheet HTML 223Page - SIMCom SIM800 Datasheet HTML 224Page - SIMCom SIM800 Datasheet HTML 225Page - SIMCom SIM800 Datasheet HTML 226Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
222
2015-08-03
name>),(<port>)
OK
Parameters
See Write Command
Response
1)If single IP connection (+CIPMUX=0)
If format is right response
OK
otherwise response
If error is related to ME functionality:
+CME ERROR <err>
Response when connection exists
ALREADY CONNECT
Response when connection is successful
CONNECT OK
Otherwise
STATE: <state>
CONNECT FAIL
2)If multi-IP connection
(+CIPMUX=1)
If format is right
OK,
otherwise response
If error is related to ME functionality:
+CME ERROR <err>
Response when connection exists
<n>,ALREADY CONNECT
If connection is successful
<n>,CONNECT OK
Otherwise
<n>,CONNECT FAIL
Write Command
1)If
single
IP
connection
(+CIPMUX=0)
AT+CIPSTART=
<mode>,<IP
address>,<port>
Or
AT+CIPSTART=
<mode>,<domai
n name>,<port>
2)If
multi-IP
connection
(+CIPMUX=1)
AT+CIPSTART=
<n>,<mode>,<ad
dress>,<port>
AT+CIPSTART=
<n>,<mode>,<do
main name>,
<port>
Parameters
<n>
0..5
A numeric parameter which indicates the connection
number
<mode>
A string parameter which indicates the connection type
"TCP"
Establish a TCP connection
"UDP"
Establish a UDP connection
<IP address> A string parameter which indicates remote server IP address
<port>
Remote server port
<domain name> A string parameter which indicates remote server domain
name
<state>
A string parameter which indicates the progress of connecting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com