Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 223 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 223 Page - SIMCom

Back Button SIM800 Datasheet HTML 219Page - SIMCom SIM800 Datasheet HTML 220Page - SIMCom SIM800 Datasheet HTML 221Page - SIMCom SIM800 Datasheet HTML 222Page - SIMCom SIM800 Datasheet HTML 223Page - SIMCom SIM800 Datasheet HTML 224Page - SIMCom SIM800 Datasheet HTML 225Page - SIMCom SIM800 Datasheet HTML 226Page - SIMCom SIM800 Datasheet HTML 227Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
223
2015-08-03
0
IP INITIAL
1
IP START
2
IP CONFIG
3
IP GPRSACT
4
IP STATUS
5
TCP CONNECTING/UDP CONNECTING/
SERVER LISTENING
6
CONNECT OK
7
TCP CLOSING/UDP CLOSING
8
TCP CLOSED/UDP CLOSED
9
PDP DEACT
In Multi-IP state:
0
IP INITIAL
1
IP START
2
IP CONFIG
3
IP GPRSACT
4
IP STATUS
5
IP PROCESSING
9
PDP DEACT
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
When mode is multi-IP state, the max response time75 seconds.
When mode is single state, and the state is IP INITIAL, the max response
time is 160 seconds.
Reference
Note
This command allows establishment of a TCP/UDP connection only
when the state is IP INITIAL or IP STATUS when it is in single state.
In multi-IP state, the state is in IP STATUS only. So it is necessary to
process "AT+CIPSHUT" before user establishes a TCP/UDP
connection with this command when the state is not IP INITIAL or IP
STATUS.
When module is in multi-IP state, before this command is executed, it
is necessary to process "AT+CSTT, AT+CIICR, AT+CIFSR".
8.2.3 AT+CIPSEND
Send Data Through TCP or UDP Connection
AT+CIPSEND
Send Data Through TCP or UDP Connection
Test Command
AT+CIPSEND=?
Response
1) For single IP connection (+CIPMUX=0)
+CIPSEND: <length>
OK
2) For multi IP connection (+CIPMUX=1)
+CIPSEND: (0-5),<length>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com