Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 225 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 225 Page - SIMCom

Back Button SIM800 Datasheet HTML 221Page - SIMCom SIM800 Datasheet HTML 222Page - SIMCom SIM800 Datasheet HTML 223Page - SIMCom SIM800 Datasheet HTML 224Page - SIMCom SIM800 Datasheet HTML 225Page - SIMCom SIM800 Datasheet HTML 226Page - SIMCom SIM800 Datasheet HTML 227Page - SIMCom SIM800 Datasheet HTML 228Page - SIMCom SIM800 Datasheet HTML 229Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
225
2015-08-03
<n>
A numeric parameter which indicates the connection number
<length>
A numeric parameter which indicates the length of sending
data, it must be less than <size>
Execution
Command
AT+CIPSEND
response">", then
type data for send,
tap CTRL+Z to
send, tap ESC to
cancel
the
operation
Response
This Command is used to send changeable length data.
If single IP connection is established (+CIPMUX=0)
If connection is not established or module is disconnected:
If error is related to ME functionality:
+CME ERROR <err>
If sending is successful:
When +CIPQSEND=0
SEND OK
When +CIPQSEND=1
DATA ACCEPT:<length>
If sending fails:
SEND FAIL
Note
This Command can only be used in single IP connection mode
(+CIPMUX=0) and to send data on the TCP or UDP connection that has
been established already. Ctrl-Z is used as a termination symbol. ESC is
used to cancel sending data. There are at most <size> bytes which can be
sent at a time.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
When +CIPQSEND=0 and the remote server no response, after 645
seconds, “CLOSE” will be reported.
Reference
Note
The data length which can be sent depends on network status.
Set the time that send data automatically with the Command of
AT+CIPATS.
Only send data at the status of established connection.
8.2.4 AT+CIPQSEND
Select Data Transmitting Mode
AT+CIPQSEND
Select Data Transmitting Mode
Response
+CIPQSEND: (0,1)
OK
Test Command
AT+CIPQSEND
=?
Parameters
See Write Command
Read Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com