Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 334 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 334 Page - SIMCom

Back Button SIM800 Datasheet HTML 330Page - SIMCom SIM800 Datasheet HTML 331Page - SIMCom SIM800 Datasheet HTML 332Page - SIMCom SIM800 Datasheet HTML 333Page - SIMCom SIM800 Datasheet HTML 334Page - SIMCom SIM800 Datasheet HTML 335Page - SIMCom SIM800 Datasheet HTML 336Page - SIMCom SIM800 Datasheet HTML 337Page - SIMCom SIM800 Datasheet HTML 338Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
334
2015-08-03
Parameters
<mode> disable or enable DTMF detection control
0 disable
1 enable
<interval> the min interval between two same key URC. The range is
0-10000, the default value is 0. unit is ms.
<reportMode> URC report mode
0 key value reported only
1 key value and last time are reported, the last time is in ms
<key> keytone detected, 1-9,*,#,A,B,C,D.if <ssdet> is 1,Single frequency
sound 1400 and 2300 is supported too, when single frequency 1400HZ
sound or 2300HZ sound is detected, +DTMF:1400 or +DTMF:2300 is
reported
<last time> duration of keytone playing. unit is ms.
<ssdet> single frequency sound detect function on off
0 switch off
1 switch on
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note
The parameters <interval> ,<reportMode> and <ssdet> can not power off
save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com