Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 337 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 337 Page - SIMCom

Back Button SIM800 Datasheet HTML 333Page - SIMCom SIM800 Datasheet HTML 334Page - SIMCom SIM800 Datasheet HTML 335Page - SIMCom SIM800 Datasheet HTML 336Page - SIMCom SIM800 Datasheet HTML 337Page - SIMCom SIM800 Datasheet HTML 338Page - SIMCom SIM800 Datasheet HTML 339Page - SIMCom SIM800 Datasheet HTML 340Page - SIMCom SIM800 Datasheet HTML 341Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
337
2015-08-03
5004 Format error
5005 File operation failure
5006 File is null
5007 File size is error
5008 File is not exist
Parameters
<n>
number of operation support, if SD card is supported, the number
will be 9, or will be 8
<mode>
1 start record
2 stop record
3 delete record
4 play record
5 stop play record
6 get record data in hex format, the max length is 32K in bytes
7 list record files infomation
8 query free space in bytes
9 create record file direcotry
<id>
file ID number, 1-10 or file path with double quotation marks, such
as "C:\User\1155165.amr".
<form>
record file format
0 AMR
1 WAV
2 WAV_ADPCM
<time>
recording time limit. The recording will be stopped if the
recording time reaches the time limit, or there is a mistake/ memory
full/other events disturbed (call setup, etc.)/ Or manual operation.If 0 or
default value is set, no time limit is set.
<channel>
channel
0 main channel
1 aux channel
<level>
0-100, play volume
<repeat>
repeate
0 play once
1 play infinitely
<len>
length in bytes. When read record data, the max length is 32K
<offset>
offset of the record file , it is less than the length of reord file.
When read the record file, if the len+offset is larger than the file length, then
we need to return to the actural data length.
<data>
record file data in hex format
<location>
record file location
0 system FAT
1 SD card
<inputpath>
input channel
0 MIC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com