Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 338 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 338 Page - SIMCom

Back Button SIM800 Datasheet HTML 334Page - SIMCom SIM800 Datasheet HTML 335Page - SIMCom SIM800 Datasheet HTML 336Page - SIMCom SIM800 Datasheet HTML 337Page - SIMCom SIM800 Datasheet HTML 338Page - SIMCom SIM800 Datasheet HTML 339Page - SIMCom SIM800 Datasheet HTML 340Page - SIMCom SIM800 Datasheet HTML 341Page - SIMCom SIM800 Datasheet HTML 342Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
338
2015-08-03
1 MIC2
<quality>
record quality
0 low
1 medium
2 high
3 best
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
Record will overwrite the record file with the same ID when free space
is enough,but overwrite the record file with the same ID and format
when free space is not enough.
About 40K FAT space will remain for system use.
The setting of input path doesn’t take effect when record in call.
Play in call support low quality WAV record file.
Location relative setting only take effect when SD card is support and
plugged in.
When DDET is set to 1, record is not allowed in call.
The value of parameter <id> of AT+CREC=7 can not support file path.
The value of parameter <form> of AT+CREC=1 is invalid if the value
of <id> is file path. The record file format can get from file path.
The max length of parameter <len> of AT+CREC=6 is 32K bytes.
Scope of parameter <inputpath> is different among SIM800 series
project, please refer to chapter 21 for details.
17.2.2 AT+CRECORD
Record and Send Data to UART
AT+CRECORD Record and Send Data to UART
Response
+CRECORD: (0,1)
OK
Test Command
AT+CRECORD
=?
Parameters
See Write Command
Write Command
AT+CRECORD
=<mode>[,<inter
val>][,<crcmode
>]
Response
OK
or
+CRECORD:<data>
or
ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com