Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 339 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 339 Page - SIMCom

Back Button SIM800 Datasheet HTML 335Page - SIMCom SIM800 Datasheet HTML 336Page - SIMCom SIM800 Datasheet HTML 337Page - SIMCom SIM800 Datasheet HTML 338Page - SIMCom SIM800 Datasheet HTML 339Page - SIMCom SIM800 Datasheet HTML 340Page - SIMCom SIM800 Datasheet HTML 341Page - SIMCom SIM800 Datasheet HTML 342Page - SIMCom SIM800 Datasheet HTML 343Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
339
2015-08-03
Parameters
<data> UART data output in specified form, which is deciede by
<crcmode>
<mode>
0 stop record
1 start record
<interval> UART data output interval, the range is 1-50, the default value
is 50. unit is 20ms.
<crcmode> data form
0 UART data is the audio data
1 0x7E is added to the head, 0x7E is converted to 0x7D 0x5E, 0x7D is
converted to 0x7D 0x5D.
2 0x7E is added to the head, 0x7E is converted to 0x7D 0x5E, 0x7D is
converted to 0x7D 0x5D,a 2byte CRC code is added to the end
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
When AT+CRECORD is set to 1, data mode will be entered and audio
data will output on the UART every the interval time, any input on the
UART will stop the record. AT+CRECORD=0 take no effect.
AMR 4.75K is supported only
AMR file head “#*AMR\n” is not outputed
Note: Part of the projects support record function, please refer to chapter 21 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com