Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 341 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 341 Page - SIMCom

Back Button SIM800 Datasheet HTML 337Page - SIMCom SIM800 Datasheet HTML 338Page - SIMCom SIM800 Datasheet HTML 339Page - SIMCom SIM800 Datasheet HTML 340Page - SIMCom SIM800 Datasheet HTML 341Page - SIMCom SIM800 Datasheet HTML 342Page - SIMCom SIM800 Datasheet HTML 343Page - SIMCom SIM800 Datasheet HTML 344Page - SIMCom SIM800 Datasheet HTML 345Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
341
2015-08-03
<text>
The text which is synthetized to speech to be played, maximum
data length is 956 Bytes
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
Call setup will stop the current tts play
TTS can play in call, but call release will stop the tts play
TTS play is not allowed when alert or ring
18.2.2 AT+CTTSPARAM
Set Parameters of the TTS Playing
AT+CTTSPARAM
Set Parameters of the TTS Playing
Response
+CTTSPARAM: (0-100),(0-3),(1-100),(1-100),(0,1)
OK
Test Command
AT+CTTSPARAM=
?
Parameters
See Write Command
Response
+CTTSPARAM: <volume>,<mode>,<pitch>,<speed>,<channel>
OK
Read Command
AT+CTTSPARAM?
Parameters
See Write Command
Response
OK
If error is related to MS functionality, response:
+CME ERROR: <err>
Write Command
AT+CTTSPARAM=
<volume>,<mode>,
<pitch>,<speed>[,<c
hannel>]
Parameters
<volume>
TTS playing volume, the range is 0-100,the default is 50.
<mode>
TTS playing mode, the range is 0-3
0
auto read digit, and read digit based on number rule first
1
auto read digit, and read digit based on telegram rule first
2
read digit based on telegram rule
3
read digit based on number rule
<pitch>
TTS playing pitch, the range is 1-100,the default is 50.
<speed>
TTS playing speed, the range is 1-100,the default is 50.
<channel>
TTS play channel.
0
main channel
1
aux channel
Parameter
Saving NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com