Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 349 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 349 Page - SIMCom

Back Button SIM800 Datasheet HTML 345Page - SIMCom SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom SIM800 Datasheet HTML 348Page - SIMCom SIM800 Datasheet HTML 349Page - SIMCom SIM800 Datasheet HTML 350Page - SIMCom SIM800 Datasheet HTML 351Page - SIMCom SIM800 Datasheet HTML 352Page - SIMCom SIM800 Datasheet HTML 353Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
349
2015-08-03
314
SIM busy
315
SIM wrong
316
SIM PUK required
317
SIM PIN2 required
318
SIM PUK2 required
320
memory failure
321
invalid memory index
322
memory full
323
invalid input parameter
324
invalid input format
325
invalid input value
330
SMSC address unknown
331
no network
332
network timeout
340
no cnma ack
500
Unknown
512
SMS no error
513
Message length exceeds maximum length
514
Invalid request parameters
515
ME storage failure
516
Invalid bearer service
517
Invalid service mode
518
Invalid storage type
519
Invalid message format
520
Too many MO concatenated messages
521
SMSAL not ready
522
SMSAL no more service
523
Not support TP-Status-Report & TP-Command in storage
524
Reserved MTI
525
No free entity in RL layer
526
The port number is already registerred
527
There is no free entity for port number
528
More Message to Send state error
529
MO SMS is not allow
530
GPRS is suspended
531
ME storage full
532
Doing SIM refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com