Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 350 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 350 Page - SIMCom

Back Button SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom SIM800 Datasheet HTML 348Page - SIMCom SIM800 Datasheet HTML 349Page - SIMCom SIM800 Datasheet HTML 350Page - SIMCom SIM800 Datasheet HTML 351Page - SIMCom SIM800 Datasheet HTML 352Page - SIMCom SIM800 Datasheet HTML 353Page - SIMCom SIM800 Datasheet HTML 354Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
350
2015-08-03
19.3 Summary of Unsolicited Result Codes
URC
Description
AT Command
+CCWA:
<number>,<type>,<class>[,<a
lpha>]
Indication of a call that is currently
waiting and can be accepted.
AT+CCWA=1
+CLIP:
<number>,<type>,<subaddr>,
<satype>,<alphaId>,<CLI
validity>
The calling line identity (CLI) of the
calling party when receiving a mobile
terminated call.
AT+CLIP=1
+CRING: <type>
Indicates incoming call to the TE if
extended format is enabled.
AT+CRC=1
+CREG: <stat>[,<lac>,<ci>]
There is a change in the MT network
registration status or a change of the
network cell.
AT+CREG=<n>
+CCWV
Shortly before the ACM (Accumulated
Call Meter) maximum value is reached.
The warning is issued approximately
when 5 seconds call time remains. It is
also issued when starting a call if less
than 5 s call time remains.
AT+CCWE=1
+CMTI: <mem3>,<index>
Indicates that new message has been
received.
AT+CNMI
<mt>=1
+CMTI:
<mem3>,<index>,"MMS
PUSH"
Indicates that new MMS message has
been received.
AT+CNMI
<mt>=1
+CMT:
<length><CR><LF><pdu>
Indicates that new message has been
received.
AT+CNMI
<mt>=2 (PDU
mode)
+CMT:
<oa>,<scts>[,<tooa>,<fo>,<pi
d>,<dcs>,<sca>,<tosca>,
<length>]<CR><LF><data>
Indicates that new message has been
received.
AT+CNMI
<mt>=2 (text
mode)
+CBM:
<length><CR><LF><pdu>
Indicates that new cell broadcast
message has been received.
AT+CNMI
<bm>=2 (PDU
mode enabled):
+CBM:
<sn>,<mid>,<dcs>,<page>,<p
ages><CR><LF><data>
Indicates that new cell broadcast
message has been received.
AT+CNMI
<bm>=2 (text
mode enabled):
+CDS:
<length><CR><LF><pdu>
Indicates that new SMS status report has
been received.
AT+CNMI
<ds>=1 (PDU
mode enabled):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com